Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCA2616 Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # VCA2616
Description  Dual, Variable-Gain Amplifier with Low-Noise Preamp
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

VCA2616 Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button VCA2616 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
VCA2616, VCA2611
7
SBOS234E
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDDA = VDDB = VDDR = +5V, load resistance = 500Ω on each output to ground, MGS = 011, LNP = 22dB and fIN = 5MHz, unless otherwise noted.
The input to the preamp (LNP) is single-ended, and the output from the VCA is single-ended, unless otherwise noted. This results in a 6dB reduction in signal
amplitude compared to differential operation.
DISTORTION vs FREQUENCY
MGS = 111
2V
PP DIFFERENTIAL
Frequency (Hz)
100k
1M
10M
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
V
C = 0.2, H2
V
C = 0.2, H3
V
C = 3.0, H3
V
C = 3.0, H2
DISTORTION vs FREQUENCY
MGS = 000
1V
PP SINGLE-ENDED
Frequency (Hz)
100k
1M
10M
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
C = 0.2, H3
V
C = 0.2, H2
V
C = 3.0, H2
V
C = 3.0, H3
DISTORTION vs FREQUENCY
MGS = 011
1V
PP SINGLE-ENDED
Frequency (Hz)
100k
1M
10M
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
C = 0.2, H3
V
C = 0.2, H2
V
C = 3.0, H2
V
C = 3.0, H3
DISTORTION vs FREQUENCY
MGS = 111
1V
PP SINGLE-ENDED
Frequency (Hz)
100k
1M
10M
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
C = 0.2, H2
V
C = 0.2, H3
V
C = 3.0, H2
V
C = 3.0, H3
DISTORTION vs VCA
CNTL
2V
PP DIFFERENTIAL
VCA
CNTL (V)
–45
–50
–55
–60
–65
–70
–75
–80
MGS = 011, H2
MGS = 000, H2
MGS = 111, H3
MGS = 011, H3
MGS = 000, H3
MGS = 111, H2
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
DISTORTION vs VCA
CNTL
1V
PP SINGLE-ENDED
VCA
CNTL (V)
–45
–50
–55
–60
–65
–70
–75
–80
MGS = 011, H2
MGS = 000, H2
MGS = 000, H3
MGS = 111, H3
MGS = 011, H3
MGS = 111, H2
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com