Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6298 Datasheet(PDF) 1 Page - 3M Electronics

Part # 6298
Description  3M Cable Ties are molded from 6/6 nylon and are available in a variety of sizes and styles, including weather resistant black for outdoor use.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6298 Datasheet(HTML) 1 Page - 3M Electronics

  6298 Datasheet HTML 1Page - 3M Electronics 6298 Datasheet HTML 2Page - 3M Electronics 6298 Datasheet HTML 3Page - 3M Electronics 6298 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
3
3M™ Cable Ties
Data Sheet
September 2011
Description
3M™ Cable Ties are molded from 6/6 nylon and are available in a variety of sizes
and styles, including weather resistant black for outdoor use.
Agency Approvals
& Self Certifications
Products which are UL Listed as noted in the Typical Data section meet UL
Standard 62275 for Cable Management Systems, Type 21, and are suitable for use
in Air Handling Spaces (plenums) in accordance with Section 300.22 of the National
Electric Code.
Products which are identified as UL Listed and manufactured with a black, UV
resistant material are Listed as suitable for use outdoors.
Products which are UL Recognized are tested to UL 1565 and suitable for use in
enclosures.
The 36 and 48 inch cable ties are UL Listed 181B-C mechanical fasteners for use
with flexible air ducts.
U.L. File # E116841
Applications
3M Cable Ties are used to secure wire bundles and harness components quickly.
The flexible design allows the user to slip ties easily under and around cables and
harnesses. These ties can be used with most standard tensioning/cutoff tools for
fast production line fastening.
Specifications
Open Specifications
All ties must be either U.L. Listed, Type 21, and tested to U.L. Standard 62275 for
Cable Management Systems or Recognized and tested to UL 1565.
Closed Specifications
Product must be 3M brand cable ties, either U.L. Listed, Type 21, and tested to U.L.
Standard 62275 for Cable Management Systems or Recognized and tested to UL
1565.
Cable Tie Mounting Bases
3M™ Cable Tie Bases are molded from 6/6 nylon or ABS and available in natural,
weather resistant black or ivory material. They are also available in different sizes
and mounting abilities. The self-adhesive style is for simple lightweight mounting of
wire bundles while the saddle design screw mount is designed for maximum weight
and stability.


Similar Part No. - 6298

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
629 ABBATRON-629 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
629 ADAFRUIT-629 Datasheet
82Kb / 2P
Electroluminescent (EL) Panel Starter Pack - 10cm x 10cm Blue
7/27/2015
logo
EDAC, All Rights Reserv...
629-009-240-011 EDAC-629-009-240-011 Datasheet
353Kb / 2P
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-011 EDAC-629-009-240-011 Datasheet
87Kb / 1P
629 Series,D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-012 EDAC-629-009-240-012 Datasheet
353Kb / 2P
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
More results

Similar Description - 6298

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
Amphenol Corporation
RT360 AMPHENOL-RT360 Datasheet
4Mb / 18P
industrial circular connectors are multiway connector available in 6 shell sizes
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
Largest variety of colors materials and sizes in the industry
logo
Amphenol Corporation
RT0610-2SNH AMPHENOL-RT0610-2SNH Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
Remote controllable and available in a wide variety of products
logo
Laird Tech Smart Techno...
S24493D LSTD-S24493D Datasheet
681Kb / 1P
Variety of cable lengths and connectors available
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
PHOENIX CONTACT
SF-TXH-SET PHOENIX-SF-TXH-SET Datasheet
47Kb / 2P
The SF-SL screwdriver sets are available with a variety of contents
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com