Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8204 Datasheet(PDF) 21 Page - 3M Electronics

Part # 8204
Description  SC & FC/PC3 Pull-Proof Fiber Optic Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8204 Datasheet(HTML) 21 Page - 3M Electronics

Back Button 8204 Datasheet HTML 16Page - 3M Electronics 8204 Datasheet HTML 17Page - 3M Electronics 8204 Datasheet HTML 18Page - 3M Electronics 8204 Datasheet HTML 19Page - 3M Electronics 8204 Datasheet HTML 20Page - 3M Electronics 8204 Datasheet HTML 21Page - 3M Electronics 8204 Datasheet HTML 22Page - 3M Electronics 8204 Datasheet HTML 23Page - 3M Electronics 8204 Datasheet HTML 24Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
SECTION H
Mounting Unjacketed/900 m Buffered Fiber
7.
THREAD THE CONNECTOR ONTO THE FIBER
Slide the strain relief tube with the crimp ring within 1/2" (13 mm)
of the buffer. While holding the fiber directly behind the strain
relief tube, slowly thread the connector straight onto the fiber until
the buffer seats at the base of the ferrule (Fig. H5). While holding
the connector in place, slide the strain relief tube and the crimp
ring up the buffer until the crimp ring is seated on the back end of
the connector. The mark on the clear tube MUST align with the
end of the crimp ring before crimping the ring to the connector
and tube (Fig. H6).
8.
CRIMP THE RING TO THE CONNECTOR AND TUBE
While holding the connector and strain relief tube in place, crimp
the upper portion of the ring to the back end of the connector
using the cavity marked .190 in the crimp tool (Fig. H7).
Reposition the connector to the center cavity .137, securing the
ring to the tube.
Fig. H7
Fig. H6
Fig. H5
9.
CONTINUE WITH TERMINATION PROCEDURE FOR
JACKETED CABLE, SECTION C10-12 AND SECTIONS D
THROUGH G
Note:
After placing the connector in the curing oven, gently
push down on the buffered fiber to be sure that it is
seated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com