Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBRF195R Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # DBRF195R
Description  037??-- 50 Ohm Broadband Indoor / Riser Coaxial Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

DBRF195R Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  DBRF195R Datasheet HTML 1Page - General Cable Technologies Corporation DBRF195R Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E
V
DATE
CHANGE DETAIL
General Cable
20 Forge Park, Franklin, Ma 02038
Phone: 508-541-7100 Fax: 508-541-8122
LMR-195-FR-PVC
Title:
DBRF195R
E
09/18/12
Added ROHS to legend-DB
Description:
.037” -- 50 Ohm Broadband
Indoor / Riser Coaxial Cable
D 06/15/12
Revise bend radius / gt
C
04/20/12
Update elect. & print from HHT UL to GCC
ETL /GT
Eng Approval:
GT
B
07/07/10
Updated Spec to New Format - RZ
Mktg Approval:
A 12/03/02
Spec released - PF
Final Approval:
PAGE 2 of
2
General Cable reserves the right to modify this information without prior notification and does not make a warranty or representation of any kind, whether implied or expressed with respect to the information contained
herein. General Cable assumes no risks, and will not be liable for direct or indirect, special; incidental or consequential damages, any defect or personal injury resulting from the use of this document.
6.0
Inductance:
.064 µH/ft (.21 µH/m)
7.0
Peak Power:
2.5 kW
8.0
Voltage Withstanding:
1000 VDC
9.0
Jacket Spark:
3000 VRMS
10.0
Shield Effectiveness:
>90 dB
11.0
Cutoff Frequency:
41 GHz
12.0
Attenuation: (Nom.)
Frequency
(MHz)
Attn.
dB/100 ft
Attn.
dB/100 m
Avg. Power
(KW)
30
2.00
6.56
0.87
50
2.50
8.20
0.69
150
4.40
14.43
0.39
220
5.40
17.71
0.32
450
7.80
25.58
0.22
900
11.10
36.41
0.16
1500
14.50
47.56
0.12
1800
16.00
52.48
0.11
2000
16.90
55.43
0.10
2500
19.00
62.32
0.09
3000
21.10
69.21
0.08
4000
24.90
81.67
0.07
5000
28.30
92.82
0.06
5800
29.90
98.07
0.06
6000
31.00
101.68
0.06
C.
Mechanical Characteristics
1.0
Cable Weight:
24.0 lbs/kft / (35.71 Kg/km)
2.0
Bend Radius (Installation):
0.5 inch / (12.7 mm) min
3.0
Bend Radius (Repeated):
2.0 inch / (50.8 mm) min
4.0
Tensile Strength:
40 Lbs. / (178.0 N)
5.0
Operating Temperature:
-20°C to +75°C
6.0
Storage Temperature:
-40°C to +85°C
D.
Agencies Approvals:
UL Standard 444 and NEC Article 800 Type CMR
and CSA c(ETL)us.
E.
Flame Rating:
UL Standard 1666 Riser Flame Test.
F.
Compliance:
RoHS Compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com