Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVH201B10H-R47 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LVH201B10H-R47
Description  Sealed Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVH201B10H-R47 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LVH201B10H-R47 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVH201B10H-R47 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVH201B10H-R47 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVH201B10H-R47 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVH201B10H-R47 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVH201B10H-R47 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Sealed Power Inductors - LVH Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(MHz)
Tolerance
(±%)
RDC
(Ω) ±30%
Isat (mA)
Typ. (Max)
Irms (mA)
Typ.
LVH252A10H-R24□-N
0.24
1
20, 30
0.030
4700(4200)
3600
LVH252A10H-R47□-N
0.47
1
20, 30
0.043
3300(3000)
2700
LVH252A10H-R68□-N
0.68
1
20, 30
0.062
2800(2500)
2300
LVH252A10H-1R0□-N
1.0
1
20, 30
0.080
2300(2100)
1900
LVH252A10H-2R2□-N
2.2
1
20, 30
0.135
1600(1400)
1400
LVH252A10H-4R7□-N
4.7
1
20, 30
0.330
1000(900)
850
 When ordering, please specify tolerance and packaging codes
 Tolerance: T =±30% , M = ±20%
 L : Agilent/HP4287A+ Agilent/HP16197A, 1MHz 200mV
 RDC : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat & Irms : Agilent/HP4284A, 1MHz 200mV
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ rise above 25℃ ambient.
 Operating temperature range from -40to 125℃. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
00.5
1
1.522.5
33.5
44.5
55.5
6
DC Current(A)
4R7
2R2
1R0
R47
R24
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
00.5
1
1.522.5
33.5
4
4.5
5
DC Current(A)
2R2
4R7
1R0
R47
R24



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com