Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF3015 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF3015
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF3015 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF3015 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPF3015 Series
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
▼Electrical Characteristics
( ) is typical value.
Ordering Code
Inductance
Freq.
DC Resistance(Ω) Rated DC current(A)
Marking
Idc1
( Max.)
Idc2
( Typ.)
2.2
±20
0.053
L
(uH)
Tol.
(%)
F
(KHz)
Rdc
(±20%)
±30
100
0.041
1.00
2.00
A
LPF3015T-1R8N
1.8
0.050
0.98
1.80
B
LPF3015T-1R5N
1.5
0.90
1.70
C
LPF3015T-3R3M
3.3
0.087
0.85
1.40
D
LPF3015T-2R2M
1.20
F
LPF3015T-4R7M
4.7
0.116
0.70
1.30
E
LPF3015T-6R8M
6.8
0.145
0.58
0.80
J
LPF3015T-100M
10
0.227
0.45
0.90
H
LPF3015T-150M
15
0.372
0.36
0.50
M
LPF3015T-220M
22
0.456
0.30
0.70
K
LPF3015T-330M
33
0.825
0.24
0.20
P
LPF3015T-470M
47
0.963
0.19
0.40
N
LPF3015T-680M
68
1.583
0.16
. Idc1(The saturation current) : △L≤ 35% reduction from nominal L value
. Idc2(The temperature rise): △T= 40℃ typical at rated DC current
▼
Test Equipments
□
Packing style
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
▼
Operating Temperature Range
-30 ~ +85℃ (Including self-generated heat)
http://www.abco.co.kr
2.8±0.15
1.4 Max.
1.2
3.1
3.1
1.7
1.7
0.60
3.7±0.2


Similar Part No. - LPF3015

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
SMD SHIELDED TYPE
LPF3015-C ABCO-LPF3015-C Datasheet
463Kb / 1P
SMD SHIELDED TYPE
LPF3015-C ABCO-LPF3015-C Datasheet
107Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF3015T-100M ABCO-LPF3015T-100M Datasheet
463Kb / 1P
SMD SHIELDED TYPE
LPF3015T-100M-C ABCO-LPF3015T-100M-C Datasheet
463Kb / 1P
SMD SHIELDED TYPE
More results

Similar Description - LPF3015

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com