Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF3513T-331M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF3513T-331M
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF3513T-331M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF3513T-331M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPF3513 Series
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
Ordering
Inductance
▼Electrical Characteristics
Frequency DC Resistance(Ω) Rated DC current(A)
Code
L
(uH)
Tol.
(%)
F
(KHz)
Rdc
(Max.)
Idc1
( Max.)
Idc2
( Typ.)
0.052
2.000
1.300
LPF3513T-4R7M
4.7
0.1565
LPF3513T-1R0N
1.0
±30
100
2.000
LPF3513T-1R5M
1.5
±20
0.058
1.600
1.750
LPF3513T-2R2M
2.2
0.078
1.550
LPF3513T-3R3M
3.3
0.114
1.100
1.400
LPF3513T-6R8M
6.8
0.2245
0.780
0.550
0.670
0.800
1.200
0.950
0.380
0.410
LPF3513T-100M
10
0.292
0.740
0.840
LPF3513T-150M
15
0.425
0.250
0.300
LPF3513T-220M
22
0.635
0.450
0.540
LPF3513T-330M
33
1.0
0.140
0.195
LPF3513T-470M
47
1.265
0.280
0.310
LPF3513T-680M
68
1.58
0.095
0.140
LPF3513T-101M
100
2.47
0.200
0.220
LPF3513T-151M
150
3.87
0.075
0.075
LPF3513T-221M
220
4.65
0.130
0.190
LPF3513T-331M
330
8.65
0.060
0.065
LPF3513T-471M
470
11.90
0.080
0.090
LPF3513T-561M
560
13.45
0.045
0.050
LPF3513T-681M
680
18.0
0.070
0.070
LPF3513T-821M
820
20.85
0.040
LPF3513T-102M
1000
22.45
0.050
0.060
LPF3513T-152M
1500
35.0
LPF3513T-222M
2200
58.0
0.040
. Idc1(The saturation current) : △L≤ 30% reduction from nominal L value
. Idc2(The temperature rise): △T= 30℃ typical at rated DC current
▼
Test Equipments
□
Packing style
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
▼
Operating Temperature Range
-20 ~ +70℃ (Including self-generated heat)
3.5±0.2
1.3±0.1
1.2
3.8
3.8
1.7
1.7
http://www.abco.co.kr


Similar Part No. - LPF3513T-331M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF3510 ABCO-LPF3510 Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF3510T-100M ABCO-LPF3510T-100M Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF3510T-150M ABCO-LPF3510T-150M Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF3510T-220M ABCO-LPF3510T-220M Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF3510T-2R2M ABCO-LPF3510T-2R2M Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF3513T-331M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com