Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF6027 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF6027
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF6027 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF6027 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-40 ~ +105℃ (Including self-generated heat)
. L : Agilent E4980A Precision LCR Meter
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
▼
Operating Temperature Range
Inductance
L(uH)
Tol.(%)
LPF6027T-1R0N
1.0
▼Electrical Characteristics
3.20
Idc1
(Max.)
▼
Test Equipments
□
Packing style
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
T : Taping
B : Bulk
OrderingCode
Rated DC current(A)
SMD Shielded type
F
(KHz)
Frequency
(Dimensions in mm)
▼Shape & Dimensions / Recommended Solder Land Pattern
Rdc
±
20%
DC Resistance(Ω)
LPF6027 Series
. Idc2(The temperature rise): △T= 40℃ typical at rated DC current
▼
Test Condition
. Idc1(The saturation current) : △L≤ 20% reduction from initial L value
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
Idc2
(Typ.)
3.90
0.020
3.60
LPF6027T-1R5N
1.5
0.021
150
1.220
0.049
2.20
2.50
LPF6027T-2R2M
2.2
±20
LPF6027T-3R3M
3.3
LPF6027T-4R7M
4.7
0.027
3.00
3.20
0.031
2.60
2.80
0.090
1.40
1.80
LPF6027T-150M
15
0.120
1.10
1.40
LPF6027T-100M
10
1.20
LPF6027T-330M
33
0.250
0.80
1.00
LPF6027T-220M
22
0.180
0.90
LPF6027T-470M
47
0.325
0.70
0.35
0.90
LPF6027T-101M
100
0.730
0.48
0.60
0.520
0.60
0.80
LPF6027T-331M
330
2.200
0.27
3.40
±30
100
LPF6027T-6R8M
6.8
0.060
1.70
2.10
LPF6027T-680M
68
0.45
LPF6027T-181M
180
1.550
0.34
0.42
LPF6027T-151M
0.40
0.40
LPF6027T-221M
220
1.760
0.30
http://www.abco.co.kr
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use
6.0±0.2
3.0 Max.
※ Marking : White
1.3
1.9
2.35
2.2
1.5
3.6 6.6


Similar Part No. - LPF6027

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF6025T-100M ABCO-LPF6025T-100M Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF6025T-100M ABCO-LPF6025T-100M Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6025T-101M ABCO-LPF6025T-101M Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF6025T-101M ABCO-LPF6025T-101M Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF6027

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1054 ABCO-LPN1054 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com