Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF6028 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF6028
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF6028 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF6028 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPF6028 Series
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
Ordering
Inductance
▼Electrical Characteristics
Freq.
DC Resistance(Ω) Rated DC current(A)
Code
L
(uH)
Tol.
(%)
F
(KHz)
Rdc
(±20%)
Idc1
(Max.)
Idc2
(Typ.)
0.0145
3.00
LPF6028T-3R3M
3.3
0.0210
2.00
3.70
LPF6028T-2R2M
2.2
0.0160
2.50
3.50
LPF6028T-1R5M
1.5
±20
100
3.30
LPF6028T-4R7M
4.7
0.0284
1.60
3.00
2.90
LPF6028T-100M
10
0.0532
1.30
2.80
LPF6028T-6R8M
6.8
0.0354
1.50
2.30
LPF6028T-220M
22
0.1040
0.77
1.60
LPF6028T-150M
15
0.0745
1.00
1.30
LPF6028T-470M
47
0.2100
0.59
1.10
LPF6028T-330M
33
0.1480
0.69
0.80
LPF6028T-101M
100
0.4300
0.42
0.64
LPF6028T-680M
68
0.2900
0.50
0.60
LPF6028T-181M
180
0.8700
0.31
0.42
LPF6028T-151M
150
0.6500
0.34
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
LPF6028T-221M
220
0.9800
0.26
0.40
▼
Test Equipments
□
Packing style
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
-20 ~ +85℃ (Including self-generated heat)
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc1(The saturation current) : △L≤ 30% reduction from initial L value
. Idc2(The temperature rise): △T= 25℃ typical at rated DC current
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
▼
Operating Temperature Range
6.0±0.2
2R2
2.8±0.2
3.8±0.1
1.8±0.1
6.0±0.2
2.0
3.0
1.9
http://www.abco.co.kr


Similar Part No. - LPF6028

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF6028 ABCO-LPF6028 Datasheet
47Kb / 1P
SMD SHIELDED TYPE
LPF6028 ABCO-LPF6028 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF6028T-100M ABCO-LPF6028T-100M Datasheet
47Kb / 1P
SMD SHIELDED TYPE
LPF6028T-100M ABCO-LPF6028T-100M Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF6028T-101M ABCO-LPF6028T-101M Datasheet
47Kb / 1P
SMD SHIELDED TYPE
More results

Similar Description - LPF6028

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com