Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-60 Datasheet(PDF) 61 Page - Emerson Network Power

Part # PL375-60
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Datasheet(HTML) 61 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 57Page - Emerson Network Power PL375-60 Datasheet HTML 58Page - Emerson Network Power PL375-60 Datasheet HTML 59Page - Emerson Network Power PL375-60 Datasheet HTML 60Page - Emerson Network Power PL375-60 Datasheet HTML 61Page - Emerson Network Power PL375-60 Datasheet HTML 62Page - Emerson Network Power PL375-60 Datasheet HTML 63Page - Emerson Network Power PL375-60 Datasheet HTML 64Page - Emerson Network Power PL375-60 Datasheet HTML 65Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
59
“D” mounting holes are on page 54.
Adapter Table Notes:
Adapters indexed with a number are Standard Adapters.
Adapters indexed with “•” are Custom Adapters.
For adapters not listed, call customer service.
Coax to Coax Adapters
I
-
Insulated
B -
Bulkhead Mount
U -
75 Ohm Available
F -
Female
M -
Male
F F F M M M F F F F M M F M M M F F F F M M F F M M M F F F M M F F M M M M F M M F F
B
B B
B
B
B B
B
B B
B
I
I
I
TPS
BNC
PUSH-ON
TNC
F
LVSWR
N
Mini-WECo
WECo
TCM
TPS
TCM
BNC
TNC
PUSH-ON
F
LVSWR
N
RCA
WECo
Mini-
WECo
48
57
57
•
•
•
•
50 Ohm
Min.
BJ50
F17
•
BJ59
F B1717 •• • •• •
•
BJ59FL F B42•• • •• •
•
CJ50
F17
•• •
•
• 51 48
CJ50FL F
• •
•
•
PL50 M•• •• • •• •
•• •
PL50FL M
••• • • •
• •
BJ350 F
•
BJ359 F B
••• • • •
•2424
CJ350 F
• •
•
•24
PL350 M
•• • •• •
• •
PL350S M
• •
•
•
U BJ20
F • • • • • • 1 14 • 1 •7 • 13 27 • 13 •
8 • • 5 6•5656 4504549 •
U BJ26
F B I
14 141414 •• • 27 2727 ••
•
U BJ29
F B
• 143030 •• • •••
•
U CJ20
F
1 1430 1 •7 • 13 2713
•8 5 6 • 5652 4504549
U PL20 M •
• • • • • • • •• • • • ••10
• • • • •
U BJ49
F B
••• • • 16 ••
•
U BJ40
F • • • • • • 13 27 • 13 •11 • 2 16 • 2 •
• • • ••62 464763
U BJ46
F B I
27 2727 •• • 16 161616 ••
•
U CJ40
F
13 2713 •112 162
•
•62464763
U PL40 M •
• • • • • •••• • • • •••
• • • •
U PL122 M B
7 7 •• • 11 11 ••
4
U PL123 M •
• • • • • • • ••• • • • •••
• • • •
BJ130 F
• • • 10• •• • • •9 43
• • ••61
BJ139 F B• • • • • •
4343
PL93 M
• •
•
PL94 M
• •
•
U BJ95
F B
• 5 5 • • •••
2020 •
U BJ96
F B I
6 6 • • •••
• •
U J95
F • • • • • •• • • •4 •• • • •
• • • 20 ••
U PL95 M
• • • •• • •••• • • •• • •
J3
F• 56 56 62 62
60
64
PL1
M
4
4
46
46
PL11
M
50
50
J3W
F
57 57 63 63
61
65•
J3WC
F
57
57
63
63
61
65
J3WE
F
57
57
63
63
61
65
J9W
F
J12
F B 51
52 •
• • •
PL2W M
•
•
PL1W M
454547 47
• ••
J8D
F
66
58 58
PL3C
M
48
49
49
Patching Products / Adapter Table
Coax to Coax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com