Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF7032 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF7032
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF7032 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF7032 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPF7032 Series
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
Rdc
(±20%)
Idc1
(Max.)
▼Electrical Characteristics
Ordering
Inductance
Freq.
DC Resistance(Ω) Rated DC current(A)
Code
L
(uH)
Tol.
(%)
F
(KHz)
Idc2
(Typ.)
LPF7032T-3R3M
3.3
±20
100
0.016
2.10
2.90
LPF7032T-4R7M
4.7
0.021
1.80
2.70
LPF7032T-6R8M
6.8
0.028
1.60
2.40
2.10
LPF7032T-150M
15
0.066
1.10
1.62
LPF7032T-100M
10
0.045
1.40
1.45
LPF7032T-330M
33
0.137
0.78
1.17
LPF7032T-220M
22
0.100
0.96
0.96
LPF7032T-680M
68
0.255
0.59
0.88
LPF7032T-470M
47
0.194
0.67
0.71
LPF7032T-151M
150
0.601
0.37
0.58
LPF7032T-101M
100
0.380
0.45
0.48
LPF7032T-331M
330
1.214
0.22
0.40
LPF7032T-221M
220
0.906
0.29
0.34
LPF7032T-681M
680
2.825
0.16
0.24
LPF7032T-471M
470
1.762
0.20
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
LPF7032T-102M
1000
4.292
0.13
0.19
▼
Test Equipments
□
Packing style
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
-20 ~ +85℃ (Including self-generated heat)
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc1(The saturation current) : △L≤ 10% reduction from initial L value
. Idc2(The temperature rise): △T= 20℃ typical at rated DC current
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
▼
Operating Temperature Range
1.2
7.0±0.2
102
3.2±0.2
0.1
3.8
2.0
4.6±0.1
http://www.abco.co.kr


Similar Part No. - LPF7032

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7032 ABCO-LPF7032 Datasheet
454Kb / 1P
SMD SHIELDED TYPE
LPF7032T-100M ABCO-LPF7032T-100M Datasheet
454Kb / 1P
SMD SHIELDED TYPE
LPF7032T-101M ABCO-LPF7032T-101M Datasheet
454Kb / 1P
SMD SHIELDED TYPE
LPF7032T-102M ABCO-LPF7032T-102M Datasheet
454Kb / 1P
SMD SHIELDED TYPE
LPF7032T-150M ABCO-LPF7032T-150M Datasheet
454Kb / 1P
SMD SHIELDED TYPE
More results

Similar Description - LPF7032

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1054 ABCO-LPN1054 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com