Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF7045 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF7045
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF7045 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF7045 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPF7045 Series
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
Rdc
(±20%)
Idc1
(Max.)
▼Electrical Characteristics
Ordering
Inductance
Freq.
DC Resistance(Ω) Rated DC current(A)
Code
L
(uH)
Tol.
(%)
F
(KHz)
Idc2
(Typ.)
LPF7045T-1R2M
1.2
±20
100
0.0105
5.00
4.20
LPF7045T-2R2M
2.2
0.0190
3.00
3.40
LPF7045T-3R3M
3.3
0.0220
2.50
3.20
3.00
LPF7045T-4R7M
4.7
0.0280
2.30
2.80
LPF7045T-3R9M
3.9
0.0250
2.40
2.04
LPF7045T-100M
10
0.0400
1.80
1.81
LPF7045T-6R8M
6.8
0.0390
1.90
1.50
LPF7045T-220M
22
0.0700
1.30
1.30
LPF7045T-150M
15
0.0560
1.50
1.11
LPF7045T-470M
47
0.1700
0.90
0.93
LPF7045T-330M
33
0.1100
1.10
0.76
LPF7045T-101M
100
0.3500
0.60
0.61
LPF7045T-680M
68
0.2800
0.75
0.54
LPF7045T-221M
220
0.7500
0.40
0.43
LPF7045T-151M
150
0.4800
0.50
0.37
LPF7045T-471M
470
1.4000
0.27
0.27
LPF7045T-331M
330
1.1000
0.35
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
LPF7045T-681M
680
2.1000
0.23
0.23
▼
Test Equipments
□
Packing style
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
-20 ~ +85℃ (Including self-generated heat)
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc1(The saturation current) : △L≤ 10% reduction from initial L value
. Idc2(The temperature rise): △T= 20℃ typical at rated DC current
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
▼
Operating Temperature Range
4.6±0.1
1.2
3.8
2.0
7.0±0.2
330
4.5±0.2
0.1
http://www.abco.co.kr


Similar Part No. - LPF7045

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7045 ABCO-LPF7045 Datasheet
454Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045-C ABCO-LPF7045-C_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045T-100M ABCO-LPF7045T-100M Datasheet
454Kb / 1P
SMD SHIELDED TYPE
More results

Similar Description - LPF7045

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1054 ABCO-LPN1054 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com