Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF7045-C Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF7045-C
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF7045-C Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF7045-C Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.0
±20
▼
Operating Temperature Range
-40 ~ +105℃ (Including self-generated heat)
5.7
3.2
10
0.0595
0.0535
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
▼
Test Equipments
□
Packing style
Code
LPF7045T-1R5N-C
0.0149
Rdc
(Max.)
7.4
4.4
3.1
3.4
0.0435
0.0330
5.0
LPF7045T-1R0N-C
0.0187
1.8
1.5
1.0
±30
LPF7045T-1R8N-C
5.5
9.4
2.5
4.3
11.3
6.1
Idc2
(Typ.)
Rated DC current(A)
2.9
3.5
3.8
DC Resistance(Ω)
Freq.
LPF7045T-100M-C
LPF7045T-8R2M-C
L
(uH)
Tol.
(%)
8.2
LPF7045T-6R8M-C
6.8
LPF7045T-4R7M-C
4.7
Ordering
Inductance
F
(KHz)
LPF7045T-2R2M-C
0.0135
LPF7045T-3R3M-C
Idc1
(Max.)
2.2
0.0195
7.4
0.0275
(Dimensions in mm)
▼Electrical Characteristics
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc2(The temperature rise): △T= 40℃ typical at rated DC current
. Idc1(The saturation current) : △L≤ 30% reduction from initial L value
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
LPF7045T-150M-C
15
LPF7045T-220M-C
22
2.5
LPF7045-C Series
1.4
100
LPF7045T-330M-C
33
0.2150
1.5
3.3
0.1180
0.0880
2.0
1.8
. Rdc : HIOKI 3540 mΩ HiTESTER
2.0
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
4.5±0.2
3.8
2.0
2.2
7.8
7.0±0.2
H4R7
4.6±0.1
1.2
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use
http://www.abco.co.kr


Similar Part No. - LPF7045-C

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
More results

Similar Description - LPF7045-C

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com