Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPL0919 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPL0919
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPL0919 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPL0919 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPL0919 Series
Leaded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
Rdc
(Max.)
current(A)
▼Electrical Characteristics
Ordering
Inductance
Freq.
DC Resistance(Ω)
Rated DC
Code
L
(uH)
Tol.
(%)
F
(KHz)
0.230
LPL0919T-333K
33000
40.00
0.036
▼
Test Condition
. Idc(The saturation current) : △L≤ 10% typical at rated current
LPL0919T-102K
1000
±10
1
1.30
▼
Test Equipments
. L : Agilent E4980A Precision LCR Meter
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
※
Rated DC current : Idc
▼
Operating Temperature Range
-20 ~ +85℃ (Including self-generated heat)
http://www.abco.co.kr
19.0Max
7.0±0.3
18.0±0.5
5.0±0.3
12.7±0.3
4.0±0.3
10.0max
0±2
0
100


Similar Part No. - LPL0919

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPL0919 ABCO-LPL0919 Datasheet
491Kb / 1P
LEADER TYPE
LPL0919B-101K ABCO-LPL0919B-101K Datasheet
491Kb / 1P
LEADER TYPE
LPL0919B-103K ABCO-LPL0919B-103K Datasheet
491Kb / 1P
LEADER TYPE
LPL0919B-104K ABCO-LPL0919B-104K Datasheet
491Kb / 1P
LEADER TYPE
LPL0919B-150K ABCO-LPL0919B-150K Datasheet
491Kb / 1P
LEADER TYPE
More results

Similar Description - LPL0919

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com