Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS252010T-R60N Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPS252010T-R60N
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPS252010T-R60N Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPS252010T-R60N Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Test Equipments
Packing style
LPS252010T-2R2M
LPS252010T-1R5N
1.5
2.2
LPS252010T-3R3M
LPS252010T-4R7M
3.3
4.7
SMD Shielded Type
▼Shape & Dimensions / Recommended Solder Land Pattern
LPS252010T-220M
22
(Dimensions in mm)
1.85
1.70
▼Electrical Characteristics
Ordering Code
LPS252010T-R60N
0.6
0.108
0.085
LPS252010T-1R2N
1.2
LPS252010T-1R0N
1.0
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
Rdc
(±20%)
. L : Agilent E4980A Precision LCR Meter
T : Taping
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
LPS252010T-150M
2.300
. Idc1(The saturation current) : △L≤ 30% reduction from initial L value
Operating Temperature Range
-40 ~ +85℃ (Including self-generated heat)
LPS252010 Series
Inductance
Frequency
DC Resistance(Ω)
Rated DC
Current(A)
L
(uH)
Tol.
(%)
F
(KHz)
15
0.245
0.380
0.480
1.900
100
0.160
0.180
±30
Idc1
(Max.)
Idc2
(Max.)
2.40
2.00
1.65
1.35
1.50
1.30
1.25
1.05
1.00
0.85
0.35
0.90
0.78
0.45
0.38
0.60
0.50
LPS252010T-100M
10
1.050
0.64
±20
LPS252010T-6R8M
6.8
0.830
0.75
0.40
http://www.abco.co.kr
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
17
1.00±0.05mm → R60N,1R0N,1R2N,1R5,2R2,3R3M
1.00mm Max
→ 4R7,6R8,100,150,220M


Similar Part No. - LPS252010T-R60N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS252-C ASTEC-LPS252-C Datasheet
451Kb / 2P
250 Watts
logo
Emerson Network Power
LPS252-C EMERSON-NETWORKPOWER-LPS252-C Datasheet
427Kb / 3P
Active power factor correction
logo
Artesyn Technologies
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
Total Power: 250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
Single wire current sharing
More results

Similar Description - LPS252010T-R60N

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com