Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101ZC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F101ZC
Description  High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101ZC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F101ZC Datasheet HTML 1Page - STMicroelectronics STM32F101ZC Datasheet HTML 2Page - STMicroelectronics STM32F101ZC Datasheet HTML 3Page - STMicroelectronics STM32F101ZC Datasheet HTML 4Page - STMicroelectronics STM32F101ZC Datasheet HTML 5Page - STMicroelectronics STM32F101ZC Datasheet HTML 6Page - STMicroelectronics STM32F101ZC Datasheet HTML 7Page - STMicroelectronics STM32F101ZC Datasheet HTML 8Page - STMicroelectronics STM32F101ZC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
April 2011
Doc ID 14610 Rev 8
1/112
1
STM32F101xC STM32F101xD
STM32F101xE
High-density access line, ARM-based 32-bit MCU with 256 to
512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
Features
■ Core: ARM 32-bit Cortex™-M3 CPU
– 36 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance
– Single-cycle multiplication and hardware
division
■ Memories
– 256 to 512 Kbytes of Flash memory
– up to 48 Kbytes of SRAM
– Flexible static memory controller with 4
Chip Select. Supports Compact Flash,
SRAM, PSRAM, NOR and NAND
memories
– LCD parallel interface, 8080/6800 modes
■ Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR, and programmable voltage
detector (PVD)
– 4-to-16 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC with calibration
capability
– 32 kHz oscillator for RTC with calibration
■ Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
■ 1 x 12-bit, 1 µs A/D converters (up to 16
channels)
– Conversion range: 0 to 3.6 V
– Temperature sensor
■ 2 × 12-bit D/A converters
■ DMA
– 12-channel DMA controller
– Peripherals supported: timers, ADC, DAC,
SPIs, I2Cs and USARTs
■ Up to 112 fast I/O ports
– 51/80/112 I/Os, all mappable on 16
external interrupt vectors and almost all
5 V-tolerant
■ Debug mode
– Serial wire debug (SWD) & JTAG interfaces
– Cortex-M3 Embedded Trace Macrocell™
■ Up to 9 timers
– Up to four 16-bit timers, each with up to 4
IC/OC/PWM or pulse counters
– 2 × watchdog timers (Independent and
Window)
– SysTick timer: a 24-bit downcounter
– 2 × 16-bit basic timers to drive the DAC
■ Up to 10 communication interfaces
– Up to 2 x I2C interfaces (SMBus/PMBus)
– Up to 5 USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
– Up to 3 SPIs (18 Mbit/s)
■ CRC calculation unit, 96-bit unique ID
■ ECOPACK® packages
Table 1.
Device summary
Reference
Part number
STM32F101xC
STM32F101RC STM32F101VC
STM32F101ZC
STM32F101xD
STM32F101RD STM32F101VD
STM32F101ZD
STM32F101xE
STM32F101RE STM32F101ZE
STM32F101VE
LQF
P144
20 × 20 mm
LQFP64
10
× 10 mm
LQFP100
14
× 14 mm
www.st.com


Similar Part No. - STM32F101ZC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101ZC STMICROELECTRONICS-STM32F101ZC Datasheet
1Mb / 106P
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
24-Sep-2009
STM32F101ZC STMICROELECTRONICS-STM32F101ZC Datasheet
1Mb / 112P
High-density access line, ARM-based 32-bit MCU
19-Apr-2011
STM32F101ZCT6TR STMICROELECTRONICS-STM32F101ZCT6TR Datasheet
1Mb / 106P
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
24-Sep-2009
STM32F101ZCT6XXX STMICROELECTRONICS-STM32F101ZCT6XXX Datasheet
1Mb / 106P
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
24-Sep-2009
More results

java.net.ConnectException: Connection refused (Connection refused)java.lang.NullPointerException

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com