Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2SA812QLT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2SA812QLT3G
Description  General Purpose Transistors Epitaxial planar type.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA812QLT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  L2SA812QLT3G Datasheet HTML 1Page - Leshan Radio Company L2SA812QLT3G Datasheet HTML 2Page - Leshan Radio Company L2SA812QLT3G Datasheet HTML 3Page - Leshan Radio Company L2SA812QLT3G Datasheet HTML 4Page - Leshan Radio Company L2SA812QLT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
120
-
560
(IC=-1mA,VCE=-6.0V)
Collector-Emitter Saturation Voltage
(IC=-100mA,IB=-10mA)
VCE(sat)
-
-0.18
-0.3
V
Base -Emitter On Voltage
IE=-1.0mA,VCE=-6.0V)
VBE
-0.58
-0.62
-0.68
V
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product
Ft
-
180
-
MHz
(VCE=-6.0V,IE =-10mA)
Output Capacitance(VCE = -10V, IE=0, f=1.0MHz)
Cobo
-
4.5
-
pF
hFE Values are classified as followes
NOTE:
*
Q
R
S
h
FE
120~270
180~390
270~560
ELECTRICAL CHARACTERISTICS (TA
=25
oC unless otherwise noted)
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
(IC=-1mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
(IE=-50
µΑ )
Collector-Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
(IC=-50
µA)
Collector Cutoff Current
(VCB=-50V)
ICBO
-
-
-0.1
µA
Emitter Cutoff Current (VBE=-6V)
IEBO
-0.1
µA
L2SA812QLT1G Series
Rev.O 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com