Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2SC1623QLT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2SC1623QLT3G
Description  General Purpose Transistors Pb-Free packkage is available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC1623QLT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  L2SC1623QLT3G Datasheet HTML 1Page - Leshan Radio Company L2SC1623QLT3G Datasheet HTML 2Page - Leshan Radio Company L2SC1623QLT3G Datasheet HTML 3Page - Leshan Radio Company L2SC1623QLT3G Datasheet HTML 4Page - Leshan Radio Company L2SC1623QLT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ON CHARACTERISTICS
DC Current Gain
(IC=1.0mA, VCE=6V)
hFE
120
-
560
Collector-Emitter Saturation Voltage
(IC=100mA,IB=10mA)
V CE(sat)
-
0.15
0.3
V
Base-Emitter Saturation Voltage
(IC=100mA,IB=10mA)
VBE(sat)
-
0.86
1.0
V
IC=1mA,VCE=6.0V)
V
BE
0.55
0.62
0.65
V
SMALL-SIGNAL CHARACTERISTICS
hFE Values are classified as followes
Current-Gain-Bandwidth Product
Ft
-
250
-
MHz
(VCE=6.0V,IE =
-10mA)
Output Capacitance(VCE = 6V, IE=0, f=1.0MHz)
Cob
-
3
-
Pf
NOTE:
*
Q
R
S
hFE
120~270
180~390
270~560
Base -Emitter On Voltage
LESHAN RADIO COMPANY, LTD.
L2SC1623QLT1G
Series
Rev.O 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com