Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2SC5343QLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC5343QLT1G
Description  General Purpose Transistors NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC5343QLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC5343QLT1G Datasheet HTML 1Page - Leshan Radio Company L2SC5343QLT1G Datasheet HTML 2Page - Leshan Radio Company L2SC5343QLT1G Datasheet HTML 3Page - Leshan Radio Company L2SC5343QLT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
50
V
Collector-Base Voltage
VCBO
60
V
Emitter-Base Voltage
VEBO
5V
Collector current-continuoun
I C
150
mA
Rating
General Purpose Transistors
NPN Silicon
FEATURE
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
L2SC5343QLT1G
7Q
3000/Tape&Reel
L2SC5343QLT3G
7Q
10000/Tape&Reel
1
SOT– 23
L2SC5343QLT1G
2
EMITTER
1
BASE
COLLECTOR
3
We declare that the material of product compliance with RoHS requirements.
Series
Excellent hFE linearity
:hFE(2)=100(Typ) at VCE=6V,IC=150Ma
:hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ).
Low noise:NF=1Db(Typ).at f=1KHz.
L2SC5343RLT1G
7R
3000/Tape&Reel
L2SC5343RLT3G
7R
10000/Tape&Reel
L2SC5343SLT1G
7S
3000/Tape&Reel
L2SC5343SLT3G
7S
10000/Tape&Reel
B
50
mA
Collector Dissipation
PC
200
mW
Junction and Storage Temperature T T
j,
Collector current-continuoun
I
stg
-55~150
℃
2
3
Rev.O 1/4


Similar Part No. - L2SC5343QLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC5635LT1G LRC-L2SC5635LT1G Datasheet
1Mb / 3P
High-Frequency Amplifier Transistor High gain,low noise
L2SC5635LT3G LRC-L2SC5635LT3G Datasheet
1Mb / 3P
High-Frequency Amplifier Transistor High gain,low noise
L2SC5635WT1G LRC-L2SC5635WT1G Datasheet
2Mb / 3P
High-Frequency Amplifier Transistor Can operate at low voltage
L2SC5635WT1G LRC-L2SC5635WT1G_15 Datasheet
2Mb / 3P
High-Frequency Amplifier Transistor
L2SC5635WT3G LRC-L2SC5635WT3G Datasheet
2Mb / 3P
High-Frequency Amplifier Transistor Can operate at low voltage
More results

Similar Description - L2SC5343QLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
LH8050PLTIG LEIDITECH-LH8050PLTIG Datasheet
482Kb / 4P
General Purpose Transistors NPN Silicon
LMBT2222AL LEIDITECH-LMBT2222AL Datasheet
906Kb / 6P
General Purpose Transistors NPN Silicon
logo
AiT Semiconductor Inc.
MBT6427 AITSEMI-MBT6427 Datasheet
945Kb / 8P
GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com