Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2SC5343QLT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2SC5343QLT3G
Description  General Purpose Transistors NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC5343QLT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  L2SC5343QLT3G Datasheet HTML 1Page - Leshan Radio Company L2SC5343QLT3G Datasheet HTML 2Page - Leshan Radio Company L2SC5343QLT3G Datasheet HTML 3Page - Leshan Radio Company L2SC5343QLT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
L2SC5343QLT1G Series
ELECTRICAL CHARACTERISTICS (TA
=25
oC unless otherwise noted)
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
60
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=10mA,IB=0
B
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=1mA
120
560
Collector-emitter saturation
voltage
VCE(sat)
IC=100mA, IB=10mA
B
0.1
0.25
V
Transition frequency
fT
VCE=10V, IC= 1mA
80
MHz
Output capacitance
Cob
VCB=10V, IE=0,f=1kHz
3.5
pF
Noise Figure
NF
VCE=6V,IC=0.1mA,f=1kHz
10
dB
CLASSIFICATION OF hFE
Range
Rank
Q
R
S
120-270
180-390
270-560
Rev.O 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com