Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER-S4 Datasheet(PDF) 4 Page - RF Micro Devices

Part # VIPER-S4
Description  VIPER Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

VIPER-S4 Datasheet(HTML) 4 Page - RF Micro Devices

  VIPER-S4 Datasheet HTML 1Page - RF Micro Devices VIPER-S4 Datasheet HTML 2Page - RF Micro Devices VIPER-S4 Datasheet HTML 3Page - RF Micro Devices VIPER-S4 Datasheet HTML 4Page - RF Micro Devices VIPER-S4 Datasheet HTML 5Page - RF Micro Devices VIPER-S4 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
DS VIPER-2
©2009 REG No 277 4001, Lewes, England. Page 4
Pairing a Transmitter to a Receiver
Pairing a Transmitter to a Receiver
Pairing a Transmitter to a Receiver
Pairing a Transmitter to a Receiver
Each transmitter has a unique identity. Each time a transmitter Switch is operated, it emits a secure
RF signal. The Receiver can learn this signal and allocate to any of its outputs.
The only limitation is that each receiver has a maximum memory for upto 40 pairings, these can be from
the same or any number of transmitters.
Hint: the same transmitter may be taught to different receivers to create ‘master keys’.
VIPER
VIPER
VIPER
VIPER----S1 / VIPER
S1 / VIPER
S1 / VIPER
S1 / VIPER----S2 / VIPER
S2 / VIPER
S2 / VIPER
S2 / VIPER----S3 (12
S3 (12
S3 (12
S3 (12----30Vdc Receivers)
30Vdc Receivers)
30Vdc Receivers)
30Vdc Receivers)
To Learn a New Transmitter switch follow this procedure
To Learn a New Transmitter switch follow this procedure
To Learn a New Transmitter switch follow this procedure
To Learn a New Transmitter switch follow this procedure
Any transmitter button can be learnt to one or many of the receiver output relays.
Each button must be learnt to each relay individually by following this procedure:
1.
Select the receiver output relay to learn to:
2.
Briefly press the receiver Learn switch (S2) once
3.
The Learn LED will flash once to indicate output relay 1 is selected
4.
After the LED stops flashing, press the Learn switch again to select the next relay channel
5.
Repeat step 2 until the required output relay is selected.
6.
Press the button on the transmitter you want to learn to the relay output.
7.
The Learn LED will then illuminate, press the same transmitter button again.
8.
The Learn LED will then flash to indicate learning is complete.
9.
The transmitter button will now operate the relay.
Erasing Receivers Memory
Erasing Receivers Memory
Erasing Receivers Memory
Erasing Receivers Memory
1.
Press and hold the receiver Learn Switch for approx 10 seconds.
2.
When the Learn LED turns OFF all memory is erased
NOTE:
NOTE:
NOTE:
NOTE: You cannot erase individual Tx encoders
Configuring Receiver Outputs
Configuring Receiver Outputs
Configuring Receiver Outputs
Configuring Receiver Outputs
The jumper links configure the outputs to be Momentary or Latching.
The jumper links are made / removed by the small link ‘cap’ placed over the pin header.
(The configuration shown in the picture above represents the third row of the table)
Link Positions
Link Positions
Link Positions
Link Positions
Relay Outputs
Relay Outputs
Relay Outputs
Relay Outputs
LK1
LK1
LK1
LK1
LK2
LK2
LK2
LK2
RLY 1
RLY 1
RLY 1
RLY 1
RLY 2
RLY 2
RLY 2
RLY 2
RLY 3
RLY 3
RLY 3
RLY 3
RLY 4
RLY 4
RLY 4
RLY 4
Closed
Closed
Mom
Mom
Mom
Mom
Closed
Open
Mom
Mom
Latch
Latch
Open
Closed
Mom
Latch
Latch
Latch
Open
Open
Latch
Latch
Latch
Latch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com