Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER-S1M Datasheet(PDF) 6 Page - RF Micro Devices

Part # VIPER-S1M
Description  VIPER Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

VIPER-S1M Datasheet(HTML) 6 Page - RF Micro Devices

  VIPER-S1M Datasheet HTML 1Page - RF Micro Devices VIPER-S1M Datasheet HTML 2Page - RF Micro Devices VIPER-S1M Datasheet HTML 3Page - RF Micro Devices VIPER-S1M Datasheet HTML 4Page - RF Micro Devices VIPER-S1M Datasheet HTML 5Page - RF Micro Devices VIPER-S1M Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
DS VIPER-2
©2009 REG No 277 4001, Lewes, England. Page 6
R F Solutions Ltd.,
R F Solutions Ltd.,
R F Solutions Ltd.,
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Unit 21, Cliffe Industrial Estate,
Unit 21, Cliffe Industrial Estate,
Unit 21, Cliffe Industrial Estate,
Lewes, E. Sussex. BN8 6JL. England.
Lewes, E. Sussex. BN8 6JL. England.
Lewes, E. Sussex. BN8 6JL. England.
Lewes, E. Sussex. BN8 6JL. England.
Email :
Email :
Email :
Email : sales@rfsolutions.co.uk
sales@rfsolutions.co.uk
sales@rfsolutions.co.uk
sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
http://www.rfsolutions.co.uk
http://www.rfsolutions.co.uk
http://www.rfsolutions.co.uk
Tel: +44 (0)1273 898 000
Tel: +44 (0)1273 898 000
Tel: +44 (0)1273 898 000
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
Fax: +44 (0)1273 480 661
Fax: +44 (0)1273 480 661
Fax: +44 (0)1273 480 661
Technical Specifications
Technical Specifications
Technical Specifications
Technical Specifications
Transmitters: FIREFLY
Transmitters: FIREFLY
Transmitters: FIREFLY
Transmitters: FIREFLY----TXn
TXn
TXn
TXn
Enclosure Rating:
Standard IPx8
Battery Type:
CR2032 (supplied)
Dimensions:
90 x 54 x 27 mm
Changing the Battery: Remove the six fixing screws, remove battery and replace note polarity
Receiver Decoder
Receiver Decoder
Receiver Decoder
Receiver Decoder
Enclosure Rating
IP68
Dimensions
130 x 112 x 42 mm (not including antenna)
Storage Temperature:
-10 to +70o Celsius.
Operating Temperature:
-10 to +50o Celsius.
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
3V
V
Supply Current
mA
Frequency:
FireFLY: Wideband
432.90
433.920
434.10
MHz
RF Output Power (ERP) @ 433 MHz
-
3
10
mW
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage for +12 v
10.5
30
Vdc
Relay Rating* (230Vac) RLY1-4
5
12
A
Supply Current :
Quiescent
All relays operating*
10
140
mA
Time delay from Tx on Switch to Rx Relay opera-
tion
100
mS
Time delay from Tx sw relax to Rx Relay release
300
MS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com