Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6070 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6070
Description  Low-Noise, High-Precision Series Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6070 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6070 Datasheet HTML 16Page - Maxim Integrated Products MAX6070 Datasheet HTML 17Page - Maxim Integrated Products MAX6070 Datasheet HTML 18Page - Maxim Integrated Products MAX6070 Datasheet HTML 19Page - Maxim Integrated Products MAX6070 Datasheet HTML 20Page - Maxim Integrated Products MAX6070 Datasheet HTML 21Page - Maxim Integrated Products MAX6070 Datasheet HTML 22Page - Maxim Integrated Products MAX6070 Datasheet HTML 23Page - Maxim Integrated Products MAX6070 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MAX6070/MAX6071
Low-Noise, High-Precision Series
Voltage References
21
Maxim Integrated
Figure 3. Precision Current Source
Figure 2. Reference Ground Kelvin Connection
Selector Guide
PART
FILTER
VOUT (V)
ACCURACY (%)
TOP MARK
MAX6070AAUT12+T
Yes
1.25
0.04
+ACPF
MAX6070AAUT18+T
Yes
1.8
0.04
+ACPH
MAX6070AAUT21+T
Yes
2.048
0.04
+ACPJ
MAX6070AAUT25+T
Yes
2.5
0.04
+ACPL
MAX6070AAUT30+T
Yes
3.0
0.04
+ACPN
MAX6070AAUT33+T
Yes
3.3
0.04
+ACPP
MAX6070AAUT41+T
Yes
4.096
0.04
+ACPR
MAX6070AAUT50+T
Yes
5.0
0.04
+ACPV
MAX6070BAUT12+T
Yes
1.25
0.08
+ACPG
MAX6070BAUT18+T
Yes
1.8
0.08
+ACPI
MAX6070BAUT21+T
Yes
2.048
0.08
+ACPK
MAX6070BAUT25+T
Yes
2.5
0.08
+ACPM
MAX6070BAUT30+T
Yes
3.0
0.08
+ACPO
MAX6070BAUT33+T
Yes
3.3
0.08
+ACPQ
MAX6070BAUT41+T
Yes
4.096
0.08
+ACPS
MAX6070BAUT50+T
Yes
5.0
0.08
+ACPW
MAX6071AAUT12+T
No
1.25
0.04
+ACPX
MAX6071AAUT18+T
No
1.8
0.04
+ACPZ
MAX6071AAUT21+T
No
2.048
0.04
+ACQB
MAX6071AAUT25+T
No
2.5
0.04
+ACQD
MAX6071AAUT30+T
No
3.0
0.04
+ACQF
OUTF
ISOURCE
R
OUTS
VOUT(NOMINAL) / R = ISOURCE
IN
GND
GNDS
MAX6071
5V SUPPLY
GND
GND
GNDS
EN
OUTF
OUTS
REF
OUT
VDD
IN
5V SUPPLY
MAX6071
MAX541
DAC
LOAD
0.1µF
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com