Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAS70LT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBAS70LT1G
Description  SCHOTTKY BARRIER DIODE Low forward current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS70LT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBAS70LT1G Datasheet HTML 1Page - Leshan Radio Company LBAS70LT1G Datasheet HTML 2Page - Leshan Radio Company LBAS70LT1G Datasheet HTML 3Page - Leshan Radio Company LBAS70LT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Min.
Max.
Unit
Conditions
Continuous reverse voltage
VR
-
70
V
Continuous forward current
IF
-
70
mA
Repetitive Peak forward surge current
IFSM
-
70
mA
tp<1s;
δ<0.5
Non-repetitive peak forward current
IFSM
-
100
mA
tp<10ms
Storage temperature
Tstg
-65
+150
°C
Junction temperature
Tj
-
150
°C
Operating ambient temperature
Tamb
-65
+150
°C
DEVICE MARKING
LBAS70LT1G=BE LBAS70-04LT1G=CG LBAS70-05LT1G=EH LBAS70-06LT1G=GK
ELECTRICAL CHARACTERISTICS(TA = 25
°C)
Parameter
Symbol
Max.
Unit
Conditions
Forward voltage(Fig.1)
V
F
410
mV
I
F=1mA
750
mv
I
F=10mA
1v
I
F=15mA
Reverse current(Fig.2 ;note1)
I
R
100
n
Α
V
R=50V
10
µAV
R=70V
Charge carrier life time
(krakauer method)
τ
100
ps
I
F=5mA
Diode capacitance(Fig.4)
C
d
2
pF
f=1MHz;V
R=0
Note:
1. Pulse test:t
p=300µs;δ=0.02.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
CONDITIONS
Thermal resistance from junction to ambient
R
th j-a
500
k/w
note1
Note
1. Refer to SOT23 or SOT143B standard mounting conditions.
LESHAN RADIO COMPANY, LTD.
LBAS70LT1G Series
Rev.O 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com