Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAT54SWT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAT54SWT1G
Description  Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT54SWT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAT54SWT1G Datasheet HTML 1Page - Leshan Radio Company LBAT54SWT1G Datasheet HTML 2Page - Leshan Radio Company LBAT54SWT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DEVICE MARKING
LBAT54SWT1G= B8
MAXIMUM RATINGS (T J = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
30
Volts
Forward Power Dissipation
P F
@ T A = 25°C
200
mW
Derate above 25°C
1.6
mW/°C
Forward Current(DC)
IF
200Max
mA
Junction Temperature
T J
125Max
°C
Storage Temperature Range
T stg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (I R = 10
µA)
V(BR)R
30
—
—
Volts
Total Capacitance (V R = 1.0 V, f = 1.0 MHz)
CT
—
—
10
pF
Reverse Leakage (V R = 25 V)
IR
—
0.5
2.0
µAdc
Forward Voltage (I F = 0.1 mAdc)
VF
—
0.22
0.24
Vdc
Forward Voltage (I F = 30 mAdc)
VF
—
0.41
0.5
Vdc
Forward Voltage (I F = 100 mAdc)
VF
—
0.52
1.0
Vdc
Reverse Recovery Time
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1)
trr
—
—
5.0
ns
Forward Voltage (I F = 1.0 mAdc)
VF
—
0.29
0.32
Vdc
Forward Voltage (I F = 10 mAdc)
VF
—
0.35
0.40
Vdc
Forward Current (DC)
IF
—
—
200
mAdc
Repetitive Peak Forward Current
IFRM
—
—
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
600
mAdc
LBAT54SWT1G
SOT–323 (SC–70)
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low forward
voltage reduces conduction loss. Miniature surface mount package is excel-
lent for hand held and portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ I F = 10 mAdc
ORDERING INFORMATION
Device
Marking
Shipping
LBAT54SWT1G
B8
3000/Tape & Reel
3
CATHODE/ANODE
ANODE
1
CATHODE
2
Dual Series Schottky
Barrier Diodes
LESHAN RADIO COMPANY, LTD.
LBAT54SWT3G
B8
10000/Tape & Reel
We declare that the material of product
compliance with RoHS requirements.
1
3
2
Rev.A 1/3


Similar Part No. - LBAT54SWT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
Dual Series Schottky Barrier Diodes
More results

Similar Description - LBAT54SWT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54ALT1G LRC-LBAT54ALT1G_11 Datasheet
86Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54CLT1G LRC-LBAT54CLT1G Datasheet
77Kb / 3P
Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54CWT1G LRC-LBAT54CWT1G Datasheet
64Kb / 3P
Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54LT1G LRC-LBAT54LT1G_11 Datasheet
78Kb / 3P
Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54SLT1G LRC-LBAT54SLT1G_11 Datasheet
74Kb / 3P
Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54WT1G LRC-LBAT54WT1G_11 Datasheet
146Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54XV2T1G LRC-LBAT54XV2T1G Datasheet
150Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed
logo
ON Semiconductor
BAS70LT1G ONSEMI-BAS70LT1G_11 Datasheet
131Kb / 3P
Schottky Barrier Diodes Extremely Fast Switching Speed Low Forward Voltage
November, 2011 ??Rev. 8
BAT54XV2T1G ONSEMI-BAT54XV2T1G Datasheet
96Kb / 4P
Schottky Barrier Diodes Extremely Fast Switching Speed
February, 2013 ??Rev. 8
logo
List of Unclassifed Man...
BAT54S-KL4 ETC2-BAT54S-KL4 Datasheet
112Kb / 2P
Extremely Fast Switching Speed
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com