Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-101006 Datasheet(PDF) 10 Page - Amphenol Corporation

Part # MS-101006
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101006 Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button MS-101006 Datasheet HTML 6Page - Amphenol Corporation MS-101006 Datasheet HTML 7Page - Amphenol Corporation MS-101006 Datasheet HTML 8Page - Amphenol Corporation MS-101006 Datasheet HTML 9Page - Amphenol Corporation MS-101006 Datasheet HTML 10Page - Amphenol Corporation MS-101006 Datasheet HTML 11Page - Amphenol Corporation MS-101006 Datasheet HTML 12Page - Amphenol Corporation MS-101006 Datasheet HTML 13Page - Amphenol Corporation MS-101006 Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
8
A
B
C
D
E
A
B
C
A
B
C
Insert
rrangements
A
Front face of pin insert or rear of socket insert illustrated
CONTACT LEGEND
16
12
8
4
0
A
B
C
D
E
F
G
A
B
A
B
C
B
C
D
A
A
B
C
A
B
C
D
E
A
B
C
D
E
F
A
B
C
D
A
B
A
B
A
B
C
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
10S-2
A
1
16
10SL-3
A
3
16
C
Front of
socket insert
14S-7
A
3
16
B
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
16S-1
A
7
16
G
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
16S-5
A
3
16
A
16S-6
A
3
16
B
16S-8
A
5
16
E
*14S-12
A
3
16
B
100 rotation
of 14S-7
0
10SL-4
A
2
16
Front of
socket insert
12S-3
A
2
16
12-5
D
1
12
12S-4
A
1
16
14S-2
Inst.
4
16
14S-4
D
1
16
14S-5
Inst.
5
16
14S-6
Inst.
6
16
A
B
14S-9
A
2
16
*14S-10
Inst.
4
16
100 rotation
of 14S-2
0
*14-3
A
1
8
*16S-3
B
1
16
16S-4
D
2
16
*16-2
E
1
12
MS And 97B Series
A
B
C
F
E
G
D
14S-1
B
A
C
*Not tooled up, can be tooled up on request. Contact Factory.
14S-1
A
3
16
14S-A7
A
7
16
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com