Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGSOT05CLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LGSOT05CLT1G
Description  Dual Transient Voltage Suppressors Array for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LGSOT05CLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LGSOT05CLT1G Datasheet HTML 1Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 2Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 3Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 4Page - Leshan Radio Company LGSOT05CLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dual Transient Voltage Suppressors Array for ESD Protection
General Description
The LGSOT05CLT1G is a dual monolithic voltage
suppressor designed to protect components which
are connected to data and transmission lines against
ESD. It clamps the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transients. It can also
work as bidirectional suppressor by connecting only
pin1 and 2.
Applications
Computers
Printers
Communication systems
Features
2 Unidirectional Transil functions
R max< 20 μA at VRM
300W peak pulse power(8/20μs)
Transient protection for data lines as per
IEC61000-4-2(ESD)
15KV(air) 8KV(contact)
IEC61000-4-5(Lightning)
see IPPM below
Absolute Ratings (Tamb=25°C )
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp = 8/20μs)
300
W
TL
Maximum lead temperature for soldering during 10s
260
°C
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Temperature Range
-40 to +125
°C
Tj
Maximum junction temperature
150
°C
VPP
Electrostatic discharge
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
15
8
kv
SOT– 23
LGSOT05CLT1G
1
3
2
LESHAN RADIO COMPANY, LTD.
ORDERING INFORMATION
Low leakage current: I
Device
Marking
Shipping
LGSOT05CLT1G
05C
3000/Tape & Reel
Rev.O 1/5
?AEC Q101 Qualified and PPAP Capable
AEC Q101 Qualified and PPAP Capable


Similar Part No. - LGSOT05CLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LGSOT05CLT1G LRC-LGSOT05CLT1G Datasheet
535Kb / 7P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
Guangdong Youtai Semico...
LGSOT05CLT1G UMW-LGSOT05CLT1G Datasheet
624Kb / 3P
The LGSOT05CLT1G is a dual monolithic voltage suppressordesigned to protect components
More results

Similar Description - LGSOT05CLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LGSOT04CLT1G LRC-LGSOT04CLT1G Datasheet
515Kb / 7P
Dual Transient Voltage Suppressors Array for ESD Protection
LGSOT05CLT1G LRC-LGSOT05CLT1G Datasheet
535Kb / 7P
Dual Transient Voltage Suppressors Array for ESD Protection
LGSOT08CLT1G LRC-LGSOT08CLT1G Datasheet
535Kb / 7P
Dual Transient Voltage Suppressors Array for ESD Protection
LGSOT12CLT1G LRC-LGSOT12CLT1G Datasheet
539Kb / 7P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESOTA03C WILLAS-SESOTA03C Datasheet
270Kb / 3P
Dual Transient Voltage Suppressors Array for ESD Protection
SOTXXC WILLAS-SOTXXC Datasheet
354Kb / 4P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
Transient Voltage Suppressors Array for ESD Protection
logo
First Silicon Co., Ltd
FTV05CAS FS-FTV05CAS Datasheet
260Kb / 5P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
SM12L LEIDITECH-SM12L Datasheet
566Kb / 3P
Dual Transient Voltage Suppressors Array for ESD Protection
logo
AiT Semiconductor Inc.
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com