Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMBD301LT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBD301LT3G
Description  Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBD301LT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBD301LT3G Datasheet HTML 1Page - Leshan Radio Company LMBD301LT3G Datasheet HTML 2Page - Leshan Radio Company LMBD301LT3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS(TJ=125°C unless otherwise noted)
Rating
symbol
value
unit
Reverse Voltage
V R
30
Volts
Forward Power Dissipation
P F
@TA=25 °C
280
200
mW
Derate above 25 °C
2.8
2.0
mW/ °C
Operating Junction
T J
°C
Temperature Range
–55 to +125
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
LMBD301LT1G= 4T
ELECTRICAL CHARACTERISTICS(TA=25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
M a x
Unit
Reverse Breakdown Voltage(IR=10
µA)
V (BR)R
30
—
—
Volts
Total Capacitance(VR=15V,f=1.0MHz,)Figure1
C T
—
0.9
1.5
pF
Reverse Leakage(VR=25V)Figure3
I R
—
13
200
nAdc
Forward Voltage(IF=1.0mAdc)Figure4
V F
—
0.38
0.45
Vdc
Forward Voltage(IF=10mAdc)Figure4
V F
—
0.52
0.6
Vdc
NOTE:LMBD301LT1G is also available in bulk packaging.Use LMBD301LT1G as the device title to order this device in bulk.
Silicon Hot–Carrier Diodes
Schottky Barrier Diodes
3
CATHODE
1
ANODE
These devices are designed primarily for high–efficiency UHF and VHF detector
applications.They are readily adaptable to many other fast switching RF and digital
applications.They are supplied in an inexpensive plastic package for low–cost,
high–volume consumer and industrial/commercial requirements.They are also
available in a Surface Mount package.
•
EXtremely Low Minority Carrier Lifetime –15ps(Typ)
•
Very Low Capacitance –1.5pF(Max)@VR=15V
•
Low Reverse Leakage –I
R
=13 nAdc(Typ) LMBD301
1
3
2
SOT–23
LMBD301LT1G
•
LESHAN RADIO COMPANY, LTD.
Ordering Information
Device
Marking
Shipping
LMBD301LT1G
4T
3000/Tape&Reel
LMBD301LT3G
4T
10000/Tape&Reel
We declare that the material of product
compliance with RoHS requirements.
Rev.O 1/3


Similar Part No. - LMBD301LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
119Kb / 3P
Silicon Hot?밅arrier Diodes
LMBD301LT1G LRC-LMBD301LT1G_15 Datasheet
119Kb / 3P
Silicon Hot?밅arrier Diodes
More results

Similar Description - LMBD301LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_06 Datasheet
64Kb / 4P
Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
October, 2006 ??Rev. 4
logo
Leshan Radio Company
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
logo
Leshan Radio Company
LMDL301T1G LRC-LMDL301T1G Datasheet
135Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diode
LMBD301LT1G LRC-LMBD301LT1G_15 Datasheet
119Kb / 3P
Silicon Hot?밅arrier Diodes
LMDL301T1G LRC-LMDL301T1G_15 Datasheet
135Kb / 3P
Silicon Hot?밅arrier Diodes
logo
First Silicon Co., Ltd
FDR301 FS-FDR301 Datasheet
209Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
FDR301U FS-FDR301U Datasheet
184Kb / 3P
Silicon Hot?밅arrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com