Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMBR2040CTG Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBR2040CTG
Description  SWITCHMODE Power Rectifiers Guard?뭃ing for Stress Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR2040CTG Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBR2040CTG Datasheet HTML 1Page - Leshan Radio Company LMBR2040CTG Datasheet HTML 2Page - Leshan Radio Company LMBR2040CTG Datasheet HTML 3Page - Leshan Radio Company LMBR2040CTG Datasheet HTML 4Page - Leshan Radio Company LMBR2040CTG Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
Figure 3. Typical Current Derating, Case, Per Leg
Figure 4. Typical Current Derating, Ambient, Per Leg
Figure 5. Average Power Dissipation and
Average Current
0.6
0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
20
50
10
VR, REVERSE VOLTAGE (VOLTS)
0
80
TC, CASE TEMPERATURE (°C)
15
0
TA, AMBIENT TEMPERATURE (°C)
20
0
20
0
40
4.0
8.0
0
AVERAGE CURRENT (AMPS)
20
8.0
6.0
4.0
2.0
0
6.0
5.0
3.0
0.2
0.4
0.8
20
40
60
80
0.1
1.0
100
120
140
160
60
80
160
10
20
12
14
1.0
0.5
1.0
10
2.0
14
16
18
10
12
dc
SQUARE WAVE
dc
TJ = 25°C
150
°C
TJ = 150
°C
125
°C
100
°C
0.01
25
°C
10
20
15
10
100
120
140
RATED VOLTAGE
APPLIED
SQUARE WAVE
dc
RATED VOLTAGE APPLIED
RqJC = 2°C/W
(HEATSINK)
RqJA = 16°C/W
(NO HEATSINK)
RqJA = 60°C/W
SQUARE WAVE
dc
TA = 25°C
125
°C
100
°C
0.5
0.1
0.3
0.7
0.9
100
180
5.0
5.0
180
18
16
IPK/IAV = p
IPK/IAV = 5.0
IPK/IAV = 10
IPK/IAV = 20
0.0001
0.001
3/5
LMBR2040CTG, LMBR2045CTG, LMBR2060CTG, LMBR2080CTG
LMBR2090CTG, LMBR20100CTG, LMBR20150CTG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com