Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736BQ Datasheet(PDF) 3 Page - Analog Devices

Part # AD736BQ
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736BQ Datasheet(HTML) 3 Page - Analog Devices

  AD736BQ Datasheet HTML 1Page - Analog Devices AD736BQ Datasheet HTML 2Page - Analog Devices AD736BQ Datasheet HTML 3Page - Analog Devices AD736BQ Datasheet HTML 4Page - Analog Devices AD736BQ Datasheet HTML 5Page - Analog Devices AD736BQ Datasheet HTML 6Page - Analog Devices AD736BQ Datasheet HTML 7Page - Analog Devices AD736BQ Datasheet HTML 8Page - Analog Devices AD736BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD736
Rev. I | Page 3 of 20
SPECIFICATIONS
At 25°C ± 5 V supplies, ac-coupled with 1 kHz sine wave input applied, unless otherwise noted. Specifications in bold are tested on all
production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
Table 1.
AD736J/AD736A
AD736K/AD736B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
TRANSFER FUNCTION
VOUT = √Avg (VIN2)
CONVERSION ACCURACY
1 kHz sine wave
Total Error, Internal Trim1
Using CC
All Grades
0 mV rms to 200 mV rms
0.3/0.3
0.5/0.5
0.2/0.2
0.3/0.3
±mV/±% of reading
200 mV to 1 V rms
−1.2
±2.0
−1.2
±2.0
% of reading
TMIN to TMAX
A and B Grades
@ 200 mV rms
0.7/0.7
0.5/0.5
±mV/±% of reading
J and K Grades
@ 200 mV rms
0.007
0.007
±% of reading/°C
vs. Supply Voltage
@ 200 mV rms Input
VS = ±5 V to ±16.5 V
0
+0.06
+0.1
0
+0.06
+0.1
%/V
VS = ±5 V to ±3 V
0
−0.18
−0.3
0
−0.18
−0.3
%/V
DC Reversal Error, DC-Coupled
@ 600 mV dc
1.3
2.5
1.3
2.5
% of reading
Nonlinearity2, 0 mV to 200 mV
@ 100 mV rms
0
0.25
0.35
0
0.25
0.35
% of reading
Total Error, External Trim
0 mV rms to 200 mV rms
0.1/0.5
0.1/0.3
±mV/±% of reading
ERROR VS. CREST FACTOR3
Crest Factor = 1 to 3
CAV, CF = 100 µF
0.7
0.7
% additional error
Crest Factor = 3 to 5
CAV, CF = 100 µF
2.5
2.5
% additional error
INPUT CHARACTERISTICS
High Impedance Input
Signal Range (Pin 2)
Continuous RMS Level
VS = +2.8 V, −3.2 V
200
200
mV rms
VS = ±5 V to ±16.5 V
1
1
V rms
Peak Transient Input
VS = +2.8 V, −3.2 V
±0.9
±0.9
V
VS = ±5 V
±2.7
±2.7
V
VS = ±16.5 V
±4.0
±4.0
V
Input Resistance
1012
1012
Ω
Input Bias Current
VS = ±3 V to ±16.5 V
1
25
1
25
pA
Low Impedance Input
Signal Range (Pin 1)
Continuous RMS Level
VS = +2.8 V, –3.2 V
300
300
mV rms
VS = ±5 V to ±16.5 V
1
1
V rms
Peak Transient Input
VS = +2.8 V, −3.2 V
±1.7
±1.7
V
VS = ±5 V
±3.8
±3.8
V
VS = ±16.5 V
±11
±11
V
Input Resistance
6.4
8
9.6
6.4
8
9.6
kΩ
Maximum Continuous
Nondestructive Input
All supply voltages
±12
±12
V p-p
Input Offset Voltage4
J and K Grades
±3
±3
mV
A and B Grades
±3
±3
mV
vs. Temperature
8
30
8
30
µV/°C
vs. Supply
VS = ±5 V to ±16.5 V
50
150
50
150
µV/V
VS = ±5 V to ±3 V
80
80
µV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com