Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC952 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC952
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC952 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC952 Datasheet HTML 1Page - Motorola, Inc MPC952 Datasheet HTML 2Page - Motorola, Inc MPC952 Datasheet HTML 3Page - Motorola, Inc MPC952 Datasheet HTML 4Page - Motorola, Inc MPC952 Datasheet HTML 5Page - Motorola, Inc MPC952 Datasheet HTML 6Page - Motorola, Inc MPC952 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MPC952
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not
implied.
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
3.6
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.4
V
IOH = –20mA (Note 1.)
VOL
Output LOW Voltage
0.5
V
IOL = 20mA (Note 1.)
IIN
Input Current
±120
µA
Note 2.
CIN
Input Capacitance
2.7
4
pF
Cpd
Power Dissipation Capacitance
25
pF
ICC
Maximum Quiescent Supply Current
160
mA
Total ICC Static Current
ICCA
PLL Supply Current
15
20
mA
1. The MPC952 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge (see Applications
Info section).
2. Inputs have pull–up, pull–down resistors which affect input current.
PLL INPUT REFERENCE CHARACTERISTICS (TA = 0 to 70°C)
Symbol
Characteristic
Min
Max
Unit
Condition
tr, tf
TCLK Input Rise/Falls
3.0
ns
fref
Reference Input Frequency
Note 3.
Note 3.
MHz
frefDC
Reference Input Duty Cycle
25
75
%
3. Maximum and minimum input reference is limited by the VCO lock range and the feedback divider.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com