Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5090 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5090
Description  Trim Lens for LED Mouse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5090 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5090 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5090 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5090 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Note:
A – Distance from object surface to lens reference plane
B – Distance from object surface to sensor reference plane
Figure 2. Distance from lens reference plane to tracking surface (Z)
Mechanical Assembly Requirements
All specifications reference Figure 2, Optical System Assembly Diagram
Parameters
Symbol
Min
Typical
Max
Unit
Conditions
Distance from Object Surface
to Lens Reference Plane
A
2.30
2.40
2.50
mm
Distance from Object Surface
to Sensor Reference Plane
B
6.77
6.87
6.97
mm
Lens Design Optical Performance Specifications
All specifications are based on the Mechanical Assembly Requirements.
Parameters
Symbol
Min
Typical
Max
Unit
Conditions
Magnification
0.72
0.8
0.88
At nominal plane.
Design Wavelength
639
nm
Design value
Object to Image Distance
8.34
8.84
9.34
mm
Lens Material Index of Refraction
N
1.580
1.582
1.584
At 639nm
Optical Depth of Field
DOF
 0.3
mm
Field Coverage Radius
0.6
mm
Design value
*
Lens material is polycarbonate or Polystyrene HH30. Cyanoacrylate based adhesives should not be used as they will cause lens material
deformation.
Sensor
Surface
Lens Reference Plane
Lens



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com