Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR246 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR246
Description  OverVoltage Function Fast 1.2MHz Switching Frequency High Efficiency: 85% Typical
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR246 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR246 Datasheet HTML 1Page - Leshan Radio Company LR246 Datasheet HTML 2Page - Leshan Radio Company LR246 Datasheet HTML 3Page - Leshan Radio Company LR246 Datasheet HTML 4Page - Leshan Radio Company LR246 Datasheet HTML 5Page - Leshan Radio Company LR246 Datasheet HTML 6Page - Leshan Radio Company LR246 Datasheet HTML 7Page - Leshan Radio Company LR246 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Block Diagram
PWM
CONTROL
PIN6(VIN)
-
SHUTDOWN
+
SENSE
CURRENT
0
Fosc
PIN3(FB)
COMP
PIN1(SW)
PIN5(OVP)
PIN2(GND)
SLOPE
VREF
+
gm
0
0
D246
LESHAN RADIO COMPANY, LTD.
LR246
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com