Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR324 Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR324
Description  Internally Frequency Compensated Large Voltage Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR324 Datasheet(HTML) 8 Page - Leshan Radio Company

Back Button LR324 Datasheet HTML 2Page - Leshan Radio Company LR324 Datasheet HTML 3Page - Leshan Radio Company LR324 Datasheet HTML 4Page - Leshan Radio Company LR324 Datasheet HTML 5Page - Leshan Radio Company LR324 Datasheet HTML 6Page - Leshan Radio Company LR324 Datasheet HTML 7Page - Leshan Radio Company LR324 Datasheet HTML 8Page - Leshan Radio Company LR324 Datasheet HTML 9Page - Leshan Radio Company LR324 Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Typical Applications (Continued)
Figure 19. Pulse Generator
Figure 18. AC Coupled Non-Inverting Amplifier
Figure 20. DC Coupled Low-Pass RC Active Filter
R5 100K
R3 100K
R4
100K
R2 100K
R1
1M
V
O
V
CC
1/4
LR324
0.001uF
-
+
R4 51K
V
CC
R
B
6.2K
R3
51K
R1 100K
R2 1M
C1
0.1uF
R5
51K
C
O
V
O
1/4
LR324
R
L
10K
A
V
=1+R2/R1
A
V
=11 (As shown)
-
+
AC
R2 16K
R1 16K
V
IN
R3
100k
1/4
LR324
R4
100k
C2
0.01uF
C1 0.01uF
f
0
V
0
0
fo=1KHz
Q=1
A
V=2
+
-
V
CC
R4
3K
R3
2K
+
-
2V
+
-
2V
I1
I2
1mA
1/4
LR324
R1
2K
R2
-
+
Figure 17. Fixed Current Sources
LESHAN RADIO COMPANY, LTD.
8/10
LR324



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com