Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR339D Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR339D
Description  Low Power Low Offset Voltage Quad Comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR339D Datasheet(HTML) 1 Page - Leshan Radio Company

  LR339D Datasheet HTML 1Page - Leshan Radio Company LR339D Datasheet HTML 2Page - Leshan Radio Company LR339D Datasheet HTML 3Page - Leshan Radio Company LR339D Datasheet HTML 4Page - Leshan Radio Company LR339D Datasheet HTML 5Page - Leshan Radio Company LR339D Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
1/6
LR339
Low Power Low Offset Voltage
Quad Comparators
The LR339 consists of four independent precision
voltage comparators.These were designed specifically
to operate from a signal power supply over a wide range
of voltage.Operation from split power supplies is also
possible and the low power supply current drain is
independent of the magnitude of the power supply
voltage.The LR339 also have a unique characteristic in
that the input common-mode voltage range includes
ground,even though operated from a single power
supply voltage.
DESCRIPTION:
FEATURE:
Low input biasing current: 25nA(Typ.)
Low input offset current:
5.0nA(Typ.)
Low output saturation voltage: 130mV
Output voltage compatible with TTL,CMOS
Device
Package
LR339
DIP-14
LR339D
SOP-14
ORDERING INFORMATION
VCC
+ Input
− Input
Output
GND
NOTE: Diagram shown is for 1 comparator.
PIN CONFIGURATION
(Top View)
BLOCK DIAGRAM
DIP-14
SOP-14
3
2
1
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
− Input 1
Output 1
Output 3
Output 4
+ Input 1
− Input 2
+ Input 2
+ Input 4
− Input 4
+ Input 3
− Input 3
VCC
GND
)
*
)
*
4


Similar Part No. - LR339D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
Low input biasing current: 25nA(Typ.)
More results

Similar Description - LR339D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com