Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP4CE115F23I7N Datasheet(PDF) 23 Page - Altera Corporation

Part # EP4CE115F23I7N
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115F23I7N Datasheet(HTML) 23 Page - Altera Corporation

Back Button EP4CE115F23I7N Datasheet HTML 19Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 20Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 21Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 22Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 23Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 24Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 25Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 26Page - Altera Corporation EP4CE115F23I7N Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–23
Switching Characteristics
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
Table 1–23 lists the Cyclone IV GX transceiver block AC specifications.
Core Performance Specifications
The following sections describe the clock tree specifications, PLLs, embedded
multiplier, memory block, and configuration specifications for Cyclone IV Devices.
Clock Tree Specifications
Table 1–24 lists the clock tree specifications for Cyclone IV devices.
Table 1–23. Transceiver Block AC Specification for Cyclone IV GX Devices (1), (2)
Symbol/
Description
Conditions
C6
C7, I7
C8
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
PCIe Transmit Jitter Generation (3)
Total jitter at 2.5 Gbps
(Gen1)
Compliance pattern
—
—0.25
—
—
0.25
—
—0.25
UI
PCIe Receiver Jitter Tolerance (3)
Total jitter at 2.5 Gbps
(Gen1)
Compliance pattern
> 0.6
> 0.6
> 0.6
UI
GIGE Transmit Jitter Generation (4)
Deterministic jitter
(peak-to-peak)
Pattern = CRPAT
—
—
0.14
—
—
0.14
—
—
0.14
UI
Total jitter (peak-to-peak)
Pattern = CRPAT
—
—
0.279
—
—
0.279
—
—
0.279
UI
GIGE Receiver Jitter Tolerance (4)
Deterministic jitter
tolerance (peak-to-peak)
Pattern = CJPAT
> 0.4
> 0.4
> 0.4
UI
Combined deterministic
and random jitter
tolerance (peak-to-peak)
Pattern = CJPAT
> 0.66
> 0.66
> 0.66
UI
Notes to Table 1–23:
(1) Dedicated refclk pins were used to drive the input reference clocks.
(2) The jitter numbers specified are valid for the stated conditions only.
(3) The jitter numbers for PIPE are compliant to the PCIe Base Specification 2.0.
(4) The jitter numbers for GIGE are compliant to the IEEE802.3-2002 Specification.
Table 1–24. Clock Tree Performance for Cyclone IV Devices (Part 1 of 2)
Device
Performance
Unit
C6
C7
C8
C8L (1)
C9L (1)
I7
I8L (1)
A7
EP4CE6
500
437.5
402
362
265
437.5
362
402
MHz
EP4CE10
500
437.5
402
362
265
437.5
362
402
MHz
EP4CE15
500
437.5
402
362
265
437.5
362
402
MHz
EP4CE22
500
437.5
402
362
265
437.5
362
402
MHz
EP4CE30
500
437.5
402
362
265
437.5
362
402
MHz
EP4CE40
500
437.5
402
362
265
437.5
362
402
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com