Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR431ATLT1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR431ATLT1G
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR431ATLT1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LR431ATLT1G Datasheet HTML 1Page - Leshan Radio Company LR431ATLT1G Datasheet HTML 2Page - Leshan Radio Company LR431ATLT1G Datasheet HTML 3Page - Leshan Radio Company LR431ATLT1G Datasheet HTML 4Page - Leshan Radio Company LR431ATLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LRC
LESHAN RADIO COMPANY,LTD.
SOT-23 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
A2
b
c
D
E
E1
e
e1
L
L1
Min
0.900
0.000
0.900
0.300
0.080
2.800
1.200
2.250
1.800
0.300
0°
Max
1.100
0.100
1.000
0.500
0.150
3.100
1.610
2.550
2.000
0.500
8°
Min
0.035
0.000
0.035
0.012
0.003
0.110
0.047
0.089
0.071
0.012
0°
Max
0.043
0.004
0.039
0.020
0.006
0.118
0.055
0.100
0.079
0.020
8°
Dimensions In Millimeters
Dimensions In Inches
0.037TPY
0.022REF
0.950TPY
0.550REF
D
b
e1
C
0.2
e
Rev.O
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com