Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1084 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR1084
Description  Current Limiting and Thermal Protection Battery Chargers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1084 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR1084 Datasheet HTML 1Page - Leshan Radio Company LR1084 Datasheet HTML 2Page - Leshan Radio Company LR1084 Datasheet HTML 3Page - Leshan Radio Company LR1084 Datasheet HTML 4Page - Leshan Radio Company LR1084 Datasheet HTML 5Page - Leshan Radio Company LR1084 Datasheet HTML 6Page - Leshan Radio Company LR1084 Datasheet HTML 7Page - Leshan Radio Company LR1084 Datasheet HTML 8Page - Leshan Radio Company LR1084 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The
LR1084 is a series of low dropout positive voltage
regulators with a maximum dropout of 1.5V at 5A of
load current.
The series features on-chip thermal limiting which pro-
vides protection against any combination of overload
and ambient temperatures that would create excessive
junction temperatures. It also includes a trimmed band-
gap reference and a current limiting circuit.
The
LR1084 is available in 1.5V, 1.8V, 2.5V, 2.85V,
3.3V and 5.0Vversions. The fixed versions integrate
the adjust resistors. It is also available in an adjustable
version which can set the output voltage with two
external resistors.
The
LR1084 series is available in standard packages of
TO-263-2L, TO-263-3L, TO-220 and TO-252.
Features
Low Dropout Voltage: 1.3V Typically at 5A
Current Limiting and Thermal Protection
Output Current: 5A
Current Limit: 6.5A
Operating Junction Temperature Range: 0 to
125oC
Line Regulation: 0.015% (Typical)
Load Regulation: 0.2% (Typical)
Applications
High Efficiency Linear Regulators
Battery Chargers
Post Regulation for Switching Supply
Microprocessor Supply
Desktop PCs, RISC and Embedded Processors'
Supply
TO-252
TO-220
TO-263-3L
TO-263-2L
LESHAN RADIO COMPANY, LTD.
1/11
Figure 1. Package Types of LR1084
LR1084


Similar Part No. - LR1084

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084 Datasheet
174Kb / 12P
Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
LR1084D-1.5 LRC-LR1084D-1.5 Datasheet
174Kb / 12P
Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
LR1084D-1.8 LRC-LR1084D-1.8 Datasheet
174Kb / 12P
Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
LR1084D-2.5 LRC-LR1084D-2.5 Datasheet
174Kb / 12P
Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
LR1084D-2.85 LRC-LR1084D-2.85 Datasheet
174Kb / 12P
Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
More results

Similar Description - LR1084

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
Current Limiting and Thermal Protection
logo
Skyworks Solutions Inc.
SKY77551 SKYWORKS-SKY77551 Datasheet
105Kb / 2P
Current limiting for over-voltage protection and extended battery life
SKY77592 SKYWORKS-SKY77592 Datasheet
88Kb / 2P
Current limiting for over-voltage protection and extended battery life
SKY77593 SKYWORKS-SKY77593 Datasheet
88Kb / 2P
Current limiting for over-voltage protection and extended battery life
SKY77594 SKYWORKS-SKY77594 Datasheet
88Kb / 2P
Current limiting for over-voltage protection and extended battery life
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
Current Limiting and Thermal Protection
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
Current Limiting and Thermal Protection
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
Current Limiting and Thermal Protection
logo
Skyworks Solutions Inc.
SKY77596 SKYWORKS-SKY77596 Datasheet
88Kb / 2P
Current limiting for over-voltage protection and extended battery life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com