Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1553 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR1553
Description  0.6 Low Ron??0MHz High BW SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1553 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR1553 Datasheet HTML 1Page - Leshan Radio Company LR1553 Datasheet HTML 2Page - Leshan Radio Company LR1553 Datasheet HTML 3Page - Leshan Radio Company LR1553 Datasheet HTML 4Page - Leshan Radio Company LR1553 Datasheet HTML 5Page - Leshan Radio Company LR1553 Datasheet HTML 6Page - Leshan Radio Company LR1553 Datasheet HTML 7Page - Leshan Radio Company LR1553 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VCC
Positive DC Supply Voltage
0.5 to +6.0
V
VIS
Analog Input Voltage (VB1, VB0, or VA)
0.5 to VCC +0.5
V
VS
Digital Select Input Voltage
0.5 to +6.0
V
lanll
Continuous DC Current from A to B0/B1
±
300
mA
lanlpkl
Peak Current from A to B0/B1, 10 Duty Cycles (Note 1)
±
500
mA
Iclmp
Continuous DC Current into A/B0/B1 with respect to VCC or GND
±
100
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the
device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If
these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be
affected.
1. Defined as 10% ON, 90% off duty cycle.
RECOMMENDED OPERATING CONDITIONS
Symbol Rating
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIS
Analog Input Voltage (A, B0, B1)
0
VCC
V
VS
Digital Select Input Voltage (S)
0
VCC
V
TA
Operating Temperature Range
40
85
℃
tr, tf
Input Rise or Fall Time, SELECT
VCC = 3.0 V
VCC = 5.5 V
20
10
ns/V
Leshan Radio Co ., Ltd
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com