Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2002L Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR2002L
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR2002L Datasheet(HTML) 3 Page - Leshan Radio Company

  LR2002L Datasheet HTML 1Page - Leshan Radio Company LR2002L Datasheet HTML 2Page - Leshan Radio Company LR2002L Datasheet HTML 3Page - Leshan Radio Company LR2002L Datasheet HTML 4Page - Leshan Radio Company LR2002L Datasheet HTML 5Page - Leshan Radio Company LR2002L Datasheet HTML 6Page - Leshan Radio Company LR2002L Datasheet HTML 7Page - Leshan Radio Company LR2002L Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Test
Applicable
Limits
Characteristic
Symbol
Fig.
Devices
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
1
V CE = 50 V, TA = 25°C
< 1
50
µA
VCE = 50 V, TA = 70°C
< 1
100
µA
Collector-Emitter
VCE(SAT)
2
I C = 100 mA, IB = 250 µA—
0.9
1.1
V
Saturation Voltage
lC = 200 mA, IB = 350 µA—
1.1
1.3
V
IC = 350 mA, IB = 500 µA—
1.3
1.6
V
Input Current
IIN(ON)
3
VIN = 17 V
0.82
1.25
mA
IIN(OFF)
4
l C = 500 µA, TA = 70°C50
65
µA
Input Voltage
VIN(ON)
5
VCE = 2.0 V, lC = 300 mA—
13
V
Input Capacitance
CIN
—All
15
25
pF
Turn-On Delay
tPLH
8
All
0.5 EIN to 0.5 EOUT
0.25
1.0
µs
Turn-Off Delay
tPHL
8
All
0.5 EIN to 0.5 EOUT
0.25
1.0
µs
Clamp Diode
IR
6All
VR = 50 V, TA = 25°C—
50
µA
Leakage Current
VR = 50 V, TA = 70°C
100
µA
Clamp Diode
VF
7All
IF = 350 mA—
1.7
2.0
V
Forward Voltage
Complete part number includes suffix to identify package style: A = DIP, L = SOIC.
LR2002A/L
ELECTRICAL CHARACTERISTICS at +25
°C (unless otherwise noted).
LESHAN RADIO COMPANY, LTD.
Ver 1.5 Aug 2009
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com