Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2004A Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR2004A
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR2004A Datasheet(HTML) 2 Page - Leshan Radio Company

  LR2004A Datasheet HTML 1Page - Leshan Radio Company LR2004A Datasheet HTML 2Page - Leshan Radio Company LR2004A Datasheet HTML 3Page - Leshan Radio Company LR2004A Datasheet HTML 4Page - Leshan Radio Company LR2004A Datasheet HTML 5Page - Leshan Radio Company LR2004A Datasheet HTML 6Page - Leshan Radio Company LR2004A Datasheet HTML 7Page - Leshan Radio Company LR2004A Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
COM
7.2K
3K
10.5K
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
SUFFIX 'L', R
= 90
°C/W
θJA
SUFFIX 'A', R
= 60
°C/W
θJA
LR2004A/L (Each Driver)
PARTIAL SCHEMATICS
LESHAN RADIO COMPANY, LTD.
Recommended Operating Conditions (Ta
= −40 to 85°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VCE
0
⎯
50
V
Duty
= 10%
0
⎯
350
A
Duty
= 50%
0
⎯
100
Duty
= 10%
0
⎯
300
Output current
L
IC
Tpw = 25 ms
7 Circuits
Ta
= 85°C
Tj = 120°C
Duty
= 50%
0
⎯
90
mA/ch
Input voltage
VIN
0
⎯
24
V
2.8
⎯
24
Input voltage
(output on)
VIN (ON)
IOUT = 400 mA
hFE = 800
V
0
⎯
0.7
Input voltage
(output off)
VIN (OFF)
V
Clamp diode reverse voltage
VR
⎯
⎯
50
V
Clamp diode forward current
IF
⎯
⎯
350
mA
A
= 85°C
⎯
⎯
0.76
Power dissipation
L
PD
Ta
= 85°C
⎯
⎯
0.65
W
Ta
Ver 1.5 Aug 2009
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com