Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6311 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR6311
Description  3 Watt Mono Filter-Free Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6311 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR6311 Datasheet HTML 1Page - Leshan Radio Company LR6311 Datasheet HTML 2Page - Leshan Radio Company LR6311 Datasheet HTML 3Page - Leshan Radio Company LR6311 Datasheet HTML 4Page - Leshan Radio Company LR6311 Datasheet HTML 5Page - Leshan Radio Company LR6311 Datasheet HTML 6Page - Leshan Radio Company LR6311 Datasheet HTML 7Page - Leshan Radio Company LR6311 Datasheet HTML 8Page - Leshan Radio Company LR6311 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Diagrams
1
2
3
A
B
C
top view
IN+
GND
VO-
VDD
PVDD
PGND
IN-
SDB
VO+
Pin Description
Pin #
Name
Description
A1
IN+
Positive differential input
A2
GND
Power Ground
A3
VO-
Negative BTL output
B1
VDD
Power Supply
B2
PVDD
Power Supply
B3
PGND
Power Ground
C1
IN-
Negative differential input
C2
SDB
Shutdown terminal (low active)
C3
VO+
Positive BTL output
Function Block Diagram
Vo+
Vo-
150k
150k
IN+
IN-
Amp1
Av1 = 150k/Ri
ShutDown
Control
Bias &
Reference
OSC &
RAMP
OC
Detect
Start up &
Protection
300k
SDB
PVDD
PGND
GND
VDD
(B1)
(B2)
(A3)
(C3)
(B3)
(A2)
(C1)
(A1)
(C2)
PWM Modulator and
Power Driver
Av2 = 2 V/V
Notes:
I
R
k
Av
Av
Gain
Voltage
Total
150
2
2
1
×
=
×
=
Figure 1. Function Block Diagram
Leshan Radio Co ., Ltd
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com