Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8563-33PRB Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8563-33PRB
Description  Low noise, fast response 300mA LDO regu lator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8563-33PRB Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8563-33PRB Datasheet HTML 1Page - Leshan Radio Company LR8563-33PRB Datasheet HTML 2Page - Leshan Radio Company LR8563-33PRB Datasheet HTML 3Page - Leshan Radio Company LR8563-33PRB Datasheet HTML 4Page - Leshan Radio Company LR8563-33PRB Datasheet HTML 5Page - Leshan Radio Company LR8563-33PRB Datasheet HTML 6Page - Leshan Radio Company LR8563-33PRB Datasheet HTML 7Page - Leshan Radio Company LR8563-33PRB Datasheet HTML 8Page - Leshan Radio Company LR8563-33PRB Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product Classification
Output
Voltage
Package
Type
Product
Name
Package
Type
Product
Name
Package
Type
Product
Name
1.5V
SOT-23-
5A
LR8563-15PRA SOT-23-5B
LR8563-15PRB
SC70-5
LR8563-15PQ
1.8V
SOT-23-
5A
LR8563-18PRA SOT-23-5B
LR8563-18PRB
SC70-5
LR8563-18PQ
2.1V
SOT-23-
5A
LR8563-21PRA SOT-23-5B
LR8563-21PRB
SC70-5
LR8563-21PQ
2.5V
SOT-23-
5A
LR8563-25PRA SOT-23-5B
LR8563-25PRB
SC70-5
LR8563-25PQ
2.8V
SOT-23-
5A
LR8563-28PRA SOT-23-5B
LR8563-28PRB
SC70-5
LR8563-28PQ
3.0V
SOT-23-
5A
LR8563-30PRA SOT-23-5B
LR8563-30PRB
SC70-5
LR8563-30PQ
3.2V
SOT-23-
5A
LR8563-32PRA SOT-23-5B
LR8563-32PRB
SC70-5
LR8563-32PQ
3.3V
SOT-23-
5A
LR8563-33PRA SOT-23-5B
LR8563-33PRB
SC70-5
LR8563-33PQ
3.5V
SOT-23-
5A
LR8563-35PRA SOT-23-5B
LR8563-35PRB
SC70-5
LR8563-35PQ
4.5V
SOT-23-
5A
LR8563-45PRA
SOT-23-5B
LR8563-45PRB
SC70-5
LR8563-45PQ
Product Marking information
SC70-5
SOT23-5A
SOT23-5B
LR8563
Leshan Radio Co ., Ltd
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com