Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR34063D Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR34063D
Description  DC-DC Converter Control Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR34063D Datasheet(HTML) 2 Page - Leshan Radio Company

  LR34063D Datasheet HTML 1Page - Leshan Radio Company LR34063D Datasheet HTML 2Page - Leshan Radio Company LR34063D Datasheet HTML 3Page - Leshan Radio Company LR34063D Datasheet HTML 4Page - Leshan Radio Company LR34063D Datasheet HTML 5Page - Leshan Radio Company LR34063D Datasheet HTML 6Page - Leshan Radio Company LR34063D Datasheet HTML 7Page - Leshan Radio Company LR34063D Datasheet HTML 8Page - Leshan Radio Company LR34063D Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LESHAN RADIO COMPANY, LTD.
LR34063-2/12
LR34063
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
40
Vdc
Comparator Input Voltage Range
VIR
– 0.3 to + 40
Vdc
Switch Collector Voltage
VC(switch)
40
Vdc
Switch Emitter Voltage (VPin 1 = 40 V)
VE(switch)
40
Vdc
Switch Collector to Emitter Voltage
VCE(switch)
40
Vdc
Driver Collector Voltage
VC(driver)
40
Vdc
Driver Collector Current (Note 1)
IC(driver)
100
mA
Switch Current
ISW
1.5
A
Power Dissipation and Thermal Characteristics
DIP-8
Package,
TA = 25°C
PD
1.25
W
Thermal Resistance
RθJA
100
°C/W
SOP-8 Package, D Suffix
TA = 25°C
PD
625
mW
Thermal Resistance
RθJA
160
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature Range
TA
°C
0 to +70
Storage Temperature Range
Tstg
– 65 to +150
°C
NOTES: 1. Maximum package power dissipation limits must be observed.
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = Tlow to Thigh [Note 2], unless otherwise specified.)
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VPin 5 = 0 V, CT = 1.0 nF, TA = 25°C)
fosc
24
33
42
kHz
Charge Current (VCC = 5.0 V to 40 V, TA = 25°C)
Ichg
24
35
42
µA
Discharge Current (VCC = 5.0 V to 40 V, TA = 25°C)
Idischg
140
220
260
µA
Discharge to Charge Current Ratio (Pin 7 to VCC, TA = 25°C)
Idischg/Ichg
5.2
6.5
7.5
–
Current Limit Sense Voltage (Ichg = Idischg, TA = 25°C)
Vipk(sense)
250
300
350
mV
OUTPUT SWITCH (Note 3)
Saturation Voltage, Darlington Connection (Note 4)
(ISW = 1.0 A, Pins 1, 8 connected)
VCE(sat)
–
1.0
1.3
V
Saturation Voltage, Darlington Connection
(ISW = 1.0 A, RPin 8 = 82 Ω to VCC, Forced β ] 20)
VCE(sat)
–
0.45
0.7
V
DC Current Gain (ISW = 1.0 A, VCE = 5.0 V, TA = 25°C)
hFE
50
75
–
–
Collector Off–State Current (VCE = 40 V)
IC(off)
–
0.01
100
µA
NOTES: 2. Tlow = 0°C ,Thigh = +70°C
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
4. If the output switch is driven into hard saturation (non–Darlington configuration) at low switch currents (
≤ 300 mA) and high driver currents (≥ 30 mA),
it may take up to 2.0
µs for it to come out of saturation. This condition will shorten the off time at frequencies ≥ 30 kHz, and is magnified at high
temperatures. This condition does not occur with a Darlington configuration, since the output switch cannot saturate. If a non–Darlington
configuration is used, the following output drive condition is recommended:
*The 100
Ω resistor in the emitter of the driver device requires about 7.0 mA before the output switch conducts.
Forced
b of output switch :
IC output
IC driver – 7.0 mA *
w 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com