Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8563-35PRB Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR8563-35PRB
Description  Low noise, fast response 300mA LDO regu lator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8563-35PRB Datasheet(HTML) 6 Page - Leshan Radio Company

  LR8563-35PRB Datasheet HTML 1Page - Leshan Radio Company LR8563-35PRB Datasheet HTML 2Page - Leshan Radio Company LR8563-35PRB Datasheet HTML 3Page - Leshan Radio Company LR8563-35PRB Datasheet HTML 4Page - Leshan Radio Company LR8563-35PRB Datasheet HTML 5Page - Leshan Radio Company LR8563-35PRB Datasheet HTML 6Page - Leshan Radio Company LR8563-35PRB Datasheet HTML 7Page - Leshan Radio Company LR8563-35PRB Datasheet HTML 8Page - Leshan Radio Company LR8563-35PRB Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Application Circuit
Application hints
NOTE1: Input capacitor (Cin=1uF) is
recommended in all application circuit.
NOTE2: Output capacitor (Cout=3.3uF/4.7uF) is
recommended in all application to
assure the stability of circuit.
Explanation
LR8563 series is a group of positive voltage output, low noise, low power consumption, low
dropout voltage regulator.
LR8563 can provide output value in the range of 1.5V~4.5V every 0.1V step. It also can be
customized on command.
LR8563 includes high accuracy voltage reference, error amplifier, current limit circuit and
output driver module.
LR8563 has excellent load and line transient response and good temperature characteristics,
which can assure the stability of chip and power system. And it uses trimming technique to
guarantee output voltage accuracy within±2%.
LR8563
Leshan Radio Co ., Ltd
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com