Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSBTH10T3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LSBTH10T3G
Description  VHF/UHF Transistors Pb-Free Package is Available.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSBTH10T3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LSBTH10T3G Datasheet HTML 1Page - Leshan Radio Company LSBTH10T3G Datasheet HTML 2Page - Leshan Radio Company LSBTH10T3G Datasheet HTML 3Page - Leshan Radio Company LSBTH10T3G Datasheet HTML 4Page - Leshan Radio Company LSBTH10T3G Datasheet HTML 5Page - Leshan Radio Company LSBTH10T3G Datasheet HTML 6Page - Leshan Radio Company LSBTH10T3G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
LSBTH10T1G
VHF/UHF Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V
CEO
25
Vdc
Collector–Base Voltage
V
CBO
30
Vdc
Emitter–Base Voltage
V
EBO
3.0
Vdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P
D
225
mW
T
A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
Rθ
JA
556
°C/W
Total Device Dissipation
P
D
300
mW
Alumina Substrate, (2) T
A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
Rθ
JA
417
°C/W
Junction and Storage Temperature
T
J , Tstg
–55 to +150
°C
DEVICE MARKING
LSBTH10 T1G = M6
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V
(BR)CEO
25
—
—
Vdc
(I
C = 1.0 mAdc, I B= 0 )
Collector–Base Breakdown Voltage
V
(BR)CBO
30
—
—
Vdc
(I
C = 100 µAdc , I E = 0)
Emitter–Base Breakdown Voltage
V
(BR)EBO
3.0
—
—
Vdc
(I
E = 10 µAdc , I C= 0)
Collector Cutoff Current
I
CBO
—
—
100
nAdc
( V
CB = 25Vdc , I E = 0 )
Emitter Cutoff Current
I
EBO
—
—
100
nAdc
( V
EB = 2.0Vdc , I C= 0 )
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Pb-Free Package is Available.
Ordering Information
Device
Marking
Shipping
3000/Tape&Reel
10000/Tape&Reel
LSBTH10T1G
H8A
LSBTH10T3G
H8A
(1)
(5)
(6)
(3)
(2)
(4)
SC-74
Rev.O 1/7


Similar Part No. - LSBTH10T3G

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
LSB-1112A SHINMEI-LSB-1112A Datasheet
83Kb / 2P
Normally close type leaf switch
LSB-1112A3 SHINMEI-LSB-1112A3 Datasheet
83Kb / 2P
Normally close type leaf switch
LSB-1112B-1 SHINMEI-LSB-1112B-1 Datasheet
83Kb / 2P
Normally close type leaf switch
logo
Honeywell Solid State E...
LSB1A HONEYWELL-LSB1A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSB1E HONEYWELL-LSB1E Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSBTH10T3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC1623QLT1G LRC-L2SC1623QLT1G Datasheet
300Kb / 5P
General Purpose Transistors Pb-Free packkage is available
LMBR130T1G LRC-LMBR130T1G Datasheet
201Kb / 4P
Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0520T1G LRC-LMBR0520T1G Datasheet
155Kb / 3P
Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0530T1G LRC-LMBR0530T1G Datasheet
203Kb / 4P
Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0540T1G LRC-LMBR0540T1G Datasheet
255Kb / 5P
Surface Mount Schottky Power Rectifier Pb-Free package is available
LSSBTH10T1G LRC-LSSBTH10T1G Datasheet
550Kb / 7P
VHF/UHF Transistors Pb-Free Package is Available.
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
Pb?묯ree Package is Available
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
VHF/UHF Transistors
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
Pb-Free package is available
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com