Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7634BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7634BSTZ
Description  18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7634BSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD7634BSTZ Datasheet HTML 1Page - Analog Devices AD7634BSTZ Datasheet HTML 2Page - Analog Devices AD7634BSTZ Datasheet HTML 3Page - Analog Devices AD7634BSTZ Datasheet HTML 4Page - Analog Devices AD7634BSTZ Datasheet HTML 5Page - Analog Devices AD7634BSTZ Datasheet HTML 6Page - Analog Devices AD7634BSTZ Datasheet HTML 7Page - Analog Devices AD7634BSTZ Datasheet HTML 8Page - Analog Devices AD7634BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD7634
Rev. B | Page 3 of 32
SPECIFICATIONS
AVDD = DVDD = 5 V; OVDD = 2.7 V to 5.5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUTS
Differential Voltage Range, VIN
(VIN+) − (VIN−)
0 V to 5 V
VIN = 10 V p-p
−VREF
+VREF
V
0 V to 10 V
VIN = 20 V p-p
−2 VREF
+2 VREF
V
±5 V
VIN = 20 V p-p
−2 VREF
+2 VREF
V
±10 V
VIN = 40 V p-p
−4 VREF
+4 VREF
V
Operating Voltage Range
VIN+, VIN− to AGND
0 V to 5 V
−0.1
+5.1
V
0 V to 10 V
−0.1
+10.1
V
±5 V
−5.1
+5.1
V
±10 V
−10.1
+10.1
V
Common-Mode Voltage Range
VIN+, VIN−
5 V
VREF/2 − 0.1
VREF/2
VREF/2 + 0.1
V
10 V
VREF − 0.2
VREF
VREF + 0.2
V
Bipolar Ranges
−0.1
0
+0.1
V
Analog Input CMRR
fIN = 100 kHz
75
dB
Input Current
VIN = ±5 V, ±10 V @ 670 kSPS
2201
μA
Input Impedance
See Analog Inputs section
THROUGHPUT SPEED
Complete Cycle
In warp mode
1.49
μs
Throughput Rate
In warp mode
1
670
kSPS
Time Between Conversions
In warp mode
1
ms
Complete Cycle
In normal mode
1.75
μs
Throughput Rate
In normal mode
0
570
kSPS
Complete Cycle
In impulse mode
2.22
μs
Throughput Rate
In impulse mode
0
450
kSPS
DC ACCURACY
Integral Linearity Error2
600 kSPS throughput
−2.5
±1.5
+2.5
LSB3
Integral Linearity Error
670 kSPS throughput
±1.5
LSB
No Missing Codes
18
Bits
Differential Linearity Error2
−1
+ 2.5
LSB
Transition Noise
0.75
LSB
Unipolar Zero Error
−0.06
+ 0.06
%FS
Bipolar Zero Error
−0.03
+ 0.03
%FS
Zero Error Temperature Drift
±0.5
ppm/°C
Bipolar Full-Scale Error
−0.09
+0.09
%FS
Unipolar Full-Scale Error
−0.07
+0.07
%FS
Full-Scale Error Temperature Drift
±0.5
ppm/°C
Power Supply Sensitivity
AVDD = 5 V ± 5%
3
LSB
AC ACCURACY
Dynamic Range
VIN = 0 to 5 V, fIN = 2 kHz, −60 dB
100
101.8
dB4
VIN = all other input ranges, fIN = 2 kHz, −60 dB
100
102.5
dB
Signal-to-Noise Ratio (SNR)
VIN = 0 to 5 V, fIN = 2 kHz
98.5
100.5
dB
VIN = all other input ranges, fIN = 2 kHz
98.5
101
dB
Signal-to-(Noise + Distortion), SINAD
fIN = 2 kHz
100
dB
Total Harmonic Distortion
fIN = 2 kHz
112
dB
Spurious-Free Dynamic Range
fIN = 2 kHz
113
dB
−3 dB Input Bandwidth
VIN = 0 V to 5 V
45
MHz
SAMPLING DYNAMICS
Aperture Delay
2
ns
Aperture Jitter
5
ps rms
Transient Response
Full-scale step
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com