Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731SEDS/RV Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8731SEDS/RV
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731SEDS/RV Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8731SEDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8731SEDS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8731SEDS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8731SEDS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8731SEDS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8731SEDS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8731SEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8731SEDS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8731SEDS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
42
SAMPLING
RATE
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
ADC
DAC
kHz
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
48
48
12.288
0 (256fs)
0
0
0
0
1
18.432
1 (384fs)
0
0
0
0
48
8
12.288
0 (256fs)
0
0
0
1
1
18.432
1 (384fs)
0
0
0
1
8
48
12.288
0 (256fs)
0
0
1
0
1
18.432
1 (384fs)
0
0
1
0
8
8
12.288
0 (256fs)
0
0
1
1
1
18.432
1 (384fs)
0
0
1
1
32
32
12.288
0 (256fs)
0
1
1
0
1
18.432
1 (384fs)
0
1
1
0
96
96
12.288
0 (128fs)
0
1
1
1
2
18.432
1 (192fs)
0
1
1
1
44.1
44.1
11.2896
0 (256fs)
1
0
0
0
1
16.9344
1 (384fs)
1
0
0
0
44.1
8
(Note 1)
11.2896
0 (256fs)
1
0
0
1
1
16.9344
1 (384fs)
1
0
0
1
8
(Note 1)
44.1
11.2896
0 (256fs)
1
0
1
0
1
16.9344
1 (384fs)
1
0
1
0
8
(Note 1)
8
(Note 1)
11.2896
0 (256fs)
1
0
1
1
1
16.9344
1 (384fs)
1
0
1
1
88.2
88.2
11.2896
0 (128fs)
1
1
1
1
2
16.9344
1 (192fs)
1
1
1
1
Table 18 Normal Mode Sample Rate Look-up Table
Notes:
1.
8k not exact, actual = 8.018kHz
2.
All other combinations of BOSR and SR[3:0] that are not in the truth table are invalid
The BOSR bit represents the base over-sampling rate. This is the rate that the WM8731/L digital
signal processing is carried out at. In Normal mode, with BOSR = 0, the base over-sampling rate is at
256fs, with BOSR = 1, the base over-sampling rate is at 384fs. This can be used to determine the
actual audio data rate produced by the ADC and required by the DAC.
Example scenarios are:
1.
with a requirement that the ADC data rate is 8kHz and DAC data rate is 48kHz, then choosing
MCLK = 12.288MHz the device is programmed with BOSR = 0 (256fs), SR3 = 0, SR2 = 0, SR1
= 1, SR0 = 0.The ADC output data rate will then be exactly 8kHz (derived from 12.288MHz/256
x1/6) and the DAC expects data at exactly 48kHz (derived from 12.288MHz/256)
2.
with a requirement that ADC data rate is 8kHz and DAC data rate is 44.1kHz, then choosing
MCLK = 16.9344MHz the device is programmed with BOSR = 1 (384fs), SR3 = 1, SR2 = 0, SR1
= 1, SR0 = 0. The ADC will no longer output data at exactly 8.000kHz, instead it will be 8.018kHz
(derived from 16.9344MHz/384 x 2/11), the DAC still is at exactly 44.1kHz (derived from
16.9344MHz/384). A slight (sub 0.5%) pitch shift will therefore result in the 8kHz audio data and
(importantly) the user must ensure that the data across the digital interface is correctly
synchronised at the 8.018kHz rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com