Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731CSEFL/R Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8731CSEFL/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731CSEFL/R Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8731CSEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
13
Test Conditions
AVDD, HPVDD, DBVDD = 1.8V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, XTI/MCLK =
256fs unless otherwise stated.
Stereo Headphone Output
0dB Full scale output voltage
1.0 x
AVDD/3.3
Vrms
Max Output Power
PO
RL = 32 Ω
9
mW
RL = 16 Ω
18
Signal to Noise Ratio
(Note 1,3)
SNR
A-weighted
86
95
dB
Total Harmonic Distortion
THD
1kHz, -5dB FS signal
RL = 32Ω
0.08
-62
0.1
-60
%
dB
1kHz, -2dB FS signal
RL = 32Ω
1
-40
Power Supply Rejection Ratio
PSRR
1kHz 100mVpp
50
dB
20Hz - 20kHz, 100mVpp
45
Programmable Gain
1kHz
-73
0
6
dB
Programmable Gain Step Size
1kHz
1
dB
Mute attenuation
1kHz, 0dB
80
dB
Microphone Input to Headphone Output Side Tone Mode
0dB Full scale output voltage
1.0 x
AVDD/3.3
Vrms
Signal to Noise Ratio
(Note 1,3)
SNR
85
90
dB
Power Supply Rejection Ratio
PSRR
1kHz 100mVpp
50
dB
20Hz to 20kHz
100mVpp
45
Programmable Attenuation
1kHz
6
15
dB
Programmable Attenuation Step
Size
1kHz
3
dB
Mute attenuation
1kHz, 0dB
80
dB
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with the input short circuited, measured ‘A’ weighted over a 20Hz
to 20kHz bandwidth using an Audio analyser.
2.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’ weighted over a
20Hz to 20kHz bandwidth.
3.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use such a filter will
result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics. The low pass
filter removes out of band noise; although it is not audible it may affect dynamic specification values.
4.
VMID decoupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance).
TERMINOLOGY
1.
Signal-to-noise ratio (dB) - SNR is a measure of the difference in level between the full scale output and the output
with no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
2.
Dynamic range (dB) - DR is a measure of the difference between the highest and lowest portions of a signal. Normally
a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB to it. (e.g.
THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) - THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
4.
Channel Separation (dB) - Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com