Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9960GD Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9960GD
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9960GD Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9960GD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9960GD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9960GD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9960GD Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼
▼
▼
▼ Low On-Resistance
BVDSS
40V
▼
▼
▼
▼ Fast Switching Speed
RDS(ON)
25mΩ
▼
▼
▼
▼ PDIP-8 Package
ID
7A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
62.5
℃/W
Data and specifications subject to change without notice
200528031
AP9960GD
Pb Free Plating Product
Parameter
Rating
Drain-Source Voltage
40
Gate-Source Voltage
± 20
Continuous Drain Current
3
7
Continuous Drain Current
3
5.6
Pulsed Drain Current
1
20
Total Power Dissipation
2
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.016
Thermal Data
Parameter
Storage Temperature Range
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
G2
D2
S2
G1
D1
S1
D1
D1
D2
D2
S1
G1
S2
G2
PDIP-8


Similar Part No. - AP9960GD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9960GD A-POWER-AP9960GD_14 Datasheet
75Kb / 4P
Fast Switching Speed
More results

Similar Description - AP9960GD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com